Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 118Page - STMicroelectronics ST10F280 Datasheet HTML 119Page - STMicroelectronics ST10F280 Datasheet HTML 120Page - STMicroelectronics ST10F280 Datasheet HTML 121Page - STMicroelectronics ST10F280 Datasheet HTML 122Page - STMicroelectronics ST10F280 Datasheet HTML 123Page - STMicroelectronics ST10F280 Datasheet HTML 124Page - STMicroelectronics ST10F280 Datasheet HTML 125Page - STMicroelectronics ST10F280 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 186 page
background image
ST10F280
122/186
Interrupt Register (EF02h/EE02h)
XReg
Reset Value: - - XXh
Table 28 : INTID values and Corresponding Interrupt Sources
Notes 1) Bit INTPND of the corresponding message object has to
be cleared to give messages with a lower priority the
possibility to update INTID or to reset INTID to 00h (idle
state).
2) A message interrupt code is only displayed, if there is no
other interrupt request with a higher priority.
Bit Timing Configuration
According to the CAN protocol specification, a bit
time is subdivided into four segments:
Sync segment, propagation time segment, phase
buffer segment 1 and phase buffer segment 2.
Each segment is a multiple of the time quantum tq
with tq = ( BRP + 1 ) x2 xtXCLK
The Synchronization Segment (Sync seg) is
always 1 tq long. The Propagation Time Segment
and the Phase Buffer Segment1 (combined to
Tseg1) defines the time before the sample point,
while Phase Buffer Segment2 (Tseg2) defines the
time after the sample point. The length of these
segments is programmable (except Sync-Seg).
Note
For exact definition of these segments
please refer to the CAN Specification.
15
14
13
12
11
10
9876543210
RESERVED
INTID
R
Bit
Function
INTID
Interrupt Identifier
This number indicates the cause of the interrupt. When no interrupt is pending, the value will be “00”.
INTID
Cause of the Interrupt
00
Interrupt Idle: There is no interrupt request pending.
01
Status Change Interrupt: The CAN controller has updated (not necessarily changed) the status in the
Control Register. This can refer to a change of the error status of the CAN controller (EIE is set and BOFF
or EWRN change) or to a CAN transfer incident (SIE must be set), like reception or transmission of a
message (RXOK or TXOK is set) or the occurrence of a CAN bus error (LEC is updated). The CPU may
clear RXOK, TXOK, and LEC, however, writing to the status partition of the Control Register can never
generate or reset an interrupt. To update the INTID value the status partition of the Control Register must
be read.
02
Message 15 Interrupt: Bit INTPND in the Message Control Register of message object 15 (last message)
has been set.
The last message object has the highest interrupt priority of all message objects. 1)
(2+N)
Message N Interrupt: Bit INTPND in the Message Control Register of message object ‘N’ has been set
(N = 1...14). 1) 2)
Figure 63 : Bit Timing Definition
Seg
TSeg1
TSeg2
1 bit time
1 time quantum
sample point
transmit point
Sync
Seg
Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com