Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 121Page - STMicroelectronics ST10F280 Datasheet HTML 122Page - STMicroelectronics ST10F280 Datasheet HTML 123Page - STMicroelectronics ST10F280 Datasheet HTML 124Page - STMicroelectronics ST10F280 Datasheet HTML 125Page - STMicroelectronics ST10F280 Datasheet HTML 126Page - STMicroelectronics ST10F280 Datasheet HTML 127Page - STMicroelectronics ST10F280 Datasheet HTML 128Page - STMicroelectronics ST10F280 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 186 page
background image
ST10F280
125/186
Message Control Register (EFn0h/EEn0h)
XReg
Reset Value: UUUUh
Notes 1. In message object 15 (last message) these bits are hardwired to “0” (inactive) in order to prevent transmission of message 15.
2. When the CAN controller writes new data into the message object, unused message bytes will be overwritten by non specified
values. Usually the CPU will clear this bit before working on the data, and verify that the bit is still cleared once it has finished working
to ensure that it has worked on a consistent set of data and not part of an old message and part of the new message.
For transmit-objects the CPU will set this bit along with clearing bit CPUUPD. This will ensure that, if the message is actually being
transmitted during the time the message was being updated by the CPU, the CAN controller will not reset bit TXRQ. In this way bit
TXRQ is only reset once the actual data has been transferred.
3. When the CPU requests the transmission of a receive-object, a remote frame will be sent instead of a data frame to request a
remote node to send the corresponding data frame. This bit will be cleared by the CAN controller along with bit RMTPND when the
message has been successfully transmitted, if bit NEWDAT has not been set. If there are several valid message objects with pending
transmission request, the message with the lowest message number is transmitted first.
15
14
13
12
11
10
9876543210
RMTPND
TXRQ
MSGLST
CPUUPD
NEWDAT
MSGVAL
TXIE
RXIE
INTPND
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
INTPND
Interrupt Pending
Indicates, if this message object has generated an interrupt request (see TXIE and RXIE), since
this bit was last reset by the CPU, or not.
RXIE
Receive Interrupt Enable
Defines, if bit INTPND is set after successful reception of a frame.
TXIE
Transmit Interrupt Enable
Defines, if bit INTPND is set after successful transmission of a frame. 1
MSGVAL
Message Valid
Indicates, if the corresponding message object is valid or not. The CAN controller only operates on
valid objects. Message objects can be tagged invalid, while they are changed, or if they are not
used at all.
NEWDAT
New Data
Indicates, if new data has been written into the data portion of this message object by CPU
(transmit-objects) or CAN controller (receive-objects) since this bit was last reset, or not. 2
MSGLST
(Receive)
Message Lost (This bit applies to
receive-objects only)
Indicates that the CAN controller has stored a new message into this object, while NEWDAT was
still set, i.e. the previously stored message is lost.
CPUUPD
(Transmit)
CPU Update (This bit applies to
transmit-objects only)
Indicates that the corresponding message object may not be transmitted now. The CPU sets this
bit in order to inhibit the transmission of a message that is currently updated, or to control the
automatic response to remote requests.
TXRQ
Transmit Request
Indicates that the transmission of this message object is requested by the CPU or via a remote
frame and is not yet done. TXRQ can be disabled by CPUUPD. 1 3
RMTPND
Remote Pending (Used for transmit-objects)
Indicates that the transmission of this message object has been requested by a remote node, but
the data has not yet been transmitted. When RMTPND is set, the CAN controller also sets TXRQ.
RMTPND and TXRQ are cleared, when the message object has been successfully transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com