Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 123Page - STMicroelectronics ST10F280 Datasheet HTML 124Page - STMicroelectronics ST10F280 Datasheet HTML 125Page - STMicroelectronics ST10F280 Datasheet HTML 126Page - STMicroelectronics ST10F280 Datasheet HTML 127Page - STMicroelectronics ST10F280 Datasheet HTML 128Page - STMicroelectronics ST10F280 Datasheet HTML 129Page - STMicroelectronics ST10F280 Datasheet HTML 130Page - STMicroelectronics ST10F280 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 186 page
background image
ST10F280
127/186
16 - WATCHDOG TIMER
The Watchdog Timer is a fail-safe mechanism
which prevents the microcontroller from malfunc-
tioning for long periods of time.
The Watchdog Timer is always enabled after a
reset of the chip and can only be disabled in the
time interval until the EINIT (end of initialization)
instruction has been executed.
Therefore, the chip start-up procedure is always
monitored. The software must be designed to ser-
vice the watchdog timer before it overflows. If, due
to hardware or software related failures, the soft-
ware fails to do so, the watchdog timer overflows
and generates an internal hardware reset. It pulls
the RSTOUT pin low in order to allow external
hardware components to be reset.
Each of the different reset sources is indicated in
the WDTCON register.
The indicated bit are cleared with the EINIT
instruction. The origine of the reset can be identi-
fied during the initialization phase.
WDTCON (FFAEh / D7h)
SFR
Reset Value: 00xxh
Notes: 1. More than one reset indication flag may be set. After EINIT, all flags are cleared.
2. Power-on is detected when a rising edge from Vcc = 0 V to Vcc > 2.0 V is recognized.
15
14
13
12
11
10
9
8
765
4321
0
WDTREL
-
-
PONR LHWR SHWR
SWR
WDTR WDTIN
RW
R
RRRR
RW
WDTIN
Watchdog Timer Input Frequency Selection
‘0’: Input Frequency is fCPU/2.
‘1’: Input Frequency is fCPU/128.
WDTR1
Watchdog Timer Reset Indication Flag
Set by the watchdog timer on an overflow.
Cleared by a hardware reset or by the SRVWDT instruction.
SWR1
Software Reset Indication Flag
Set by the SRST execution.
Cleared by the EINIT instruction.
SHWR1
Short Hardware Reset Indication Flag
Set by the input RSTIN.
Cleared by the EINIT instruction.
LHWR1
Long Hardware Reset Indication Flag
Set by the input RSTIN.
Cleared by the EINIT instruction.
PONR1- 2
Power-On (Asynchronous) Reset Indication Flag
Set by the input RSTIN if a power-on condition has been detected.
Cleared by the EINIT instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com