Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 127Page - STMicroelectronics ST10F280 Datasheet HTML 128Page - STMicroelectronics ST10F280 Datasheet HTML 129Page - STMicroelectronics ST10F280 Datasheet HTML 130Page - STMicroelectronics ST10F280 Datasheet HTML 131Page - STMicroelectronics ST10F280 Datasheet HTML 132Page - STMicroelectronics ST10F280 Datasheet HTML 133Page - STMicroelectronics ST10F280 Datasheet HTML 134Page - STMicroelectronics ST10F280 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 186 page
background image
ST10F280
131/186
Figure 67 : Synchronous Warm Reset (Long low pulse on RSTIN)
Notes: 1. RSTIN rising edge to internal latch of PORT0 is 3 CPU
(6 TCL) clock cycles if the PLL is bypassed and the
prescaler is on (fCPU = fXTAL / 2), else it is 4 CPU clock
cycles (8 TCL).
2. If during the reset condition (RSTIN low), VRPD voltage
drops below the threshold voltage (about 2.5V for 5V
operation), the asynchronous reset is then immediately
entered.
3. RSTIN pin is pulled low if bit BDRSTEN (bit 5 of
SYSCON register) was previously set by soft-ware. Bit
BDRSTEN is cleared after reset.
17.3 - Software Reset
The reset sequence can be triggered at any time
using the protected instruction SRST (software
reset).
This
instruction
can
be
executed
deliberately within a program, for example to leave
bootstrap loader mode, or upon a hardware trap
that reveals a system failure.
Upon execution of the SRST instruction, the
internal reset sequence (1024 TCL) is started.
The microcontroller behaviour is the same as for a
Short
Hardware
reset,
except
that
only
P0.12...P0.6 bit are latched at the end of the reset
sequence, while P0.5...P0.2 bit are cleared.
17.4 - Watchdog Timer Reset
When the watchdog timer is not disabled during
the initialization or when it is not regularly serviced
during program execution it will overflow and it will
trigger the reset sequence.
Unlike
hardware
and
software
resets,
the
watchdog reset completes a running external bus
cycle if this bus cycle either does not use READY,
or if READY is sampled active (low) after the
programmed
wait
states.
When
READY
is
sampled inactive (high) after the programmed wait
states the running external bus cycle is aborted.
Then the internal reset sequence is started. At the
end of the internal reset sequence (1024 TCL),
only P0.12...P0.6 bit are latched, while previously
latched values of P0.5...P0.2 are cleared.
17.5 - RSTOUT Pin and Bidirectional Reset
The RSTOUT pin is driven active (low level) at the
beginning of any reset sequence (synchronous/
asynchronous hardware, software and watchdog
timer resets). RSTOUT pin stays active low
beyond the end of the initialization routine, until
the
protected
EINIT
instruction
(End
of
Initialization) is completed.
The Bidirectional Reset function is useful when
external devices require a reset signal but cannot
be connected to RSTOUT pin, because RSTOUT
signal lasts during initialisation. It is, for instance,
the case of external memory running initialization
routine before the execution of EINIT instruction.
Bidirectional reset function is enabled by setting
bit 3 (BDRSTEN) in SYSCON register. It only can
be enabled during the initialization routine, before
EINIT instruction is completed.
CPU Clock
RSTIN
RPD
RSTOUT
ALE
PORT0
Internal
Reset
Signal
Latching point of PORT0
for system start-up configuration
6 or 8 TCL1
4 TCL
12 TCL
1024 TCL
Internally pulled low3
Reset Configuration
2 V
RPD > 2.5V Asynchronous Reset not entered.
200
µA Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com