Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 131Page - STMicroelectronics ST10F280 Datasheet HTML 132Page - STMicroelectronics ST10F280 Datasheet HTML 133Page - STMicroelectronics ST10F280 Datasheet HTML 134Page - STMicroelectronics ST10F280 Datasheet HTML 135Page - STMicroelectronics ST10F280 Datasheet HTML 136Page - STMicroelectronics ST10F280 Datasheet HTML 137Page - STMicroelectronics ST10F280 Datasheet HTML 138Page - STMicroelectronics ST10F280 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 186 page
background image
ST10F280
135/186
18 - POWER REDUCTION MODES
Two different power reduction modes with differ-
ent levels of power reduction have been imple-
mented in the ST10F280, which may be entered
under software control.
In Idle mode the CPU is stopped, while the
peripherals continue their operation. Idle mode
can be terminated by any reset or interrupt
request.
In Power Down mode both the CPU and the
peripherals are stopped. Power Down mode can
now be configured by software in order to be ter-
minated only by a hardware reset or by a transi-
tion on enabled fast external interrupt pins.
Note: All external bus actions are completed
before Idle or Power Down mode is
entered. However, Idle or Power Down
mode is not entered if READY is enabled,
but has not been activated (driven low for
negative polarity, or driven high for positive
polarity) during the last bus access.
18.1 - Idle Mode
Idle mode is entered by running IDLE protected
instruction. The CPU operation is stopped and the
peripherals still run.
Idle mode is terminate by any interrupt request.
Whatever the interrupt is serviced or not, the
instruction following the IDLE instruction will be
executed
after
return
from
interrupt
(RETI)
instruction, then the CPU resumes the normal
program.
Note that a PEC transfer keep the CPU in Idle
mode. If the PEC transfer does not succeed, the
Idle mode is terminated. Watchdog timer must be
properly programmed to avoid any disturbance
during Idle mode.
18.2 - Power Down Mode
Power Down mode starts by running PWRDN
protected instruction. Internal clock is stopped, all
MCU parts are on hold including the watchdog
timer.
There are two different operating Power Down
modes : protected mode and interruptible mode.
The internal RAM contents can be preserved
through the voltage supplied via the VDD pins. To
verify RAM integrity, some dedicated patterns
may be written before entering the Power Down
mode and have to be checked after Power Down
is resumed.
It is mandatory to keep VDD = +5V ±10% during
power-down
mode,
because
the
on-chip
voltage regulator is turned in power saving
mode and it delivers 2.5V to the core logic, but
it must be supplied at nominal VDD = +5V.
SYSCON (FF12h / 89h)
SFR
Reset Value: 0xx0h
Note: Register SYSCON cannot be changed after execution of the EINIT instruction.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
STKSZ
ROM
S1
SGT
DIS
ROM
EN
BYT
DIS
CLK
EN
WR
CFG
CS
CFG
PWD-
CFG
OWD-
DIS
BDR
STEN
XPEN
VISI
BLE
XPER-
SHARE
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
PWDCFG
0
1
Power Down Mode Configuration Control
Power Down Mode can only be entered during PWRDN instruction execution if NMI pin is low, oth-
erwise the instruction has no effect. To exit Power Down Mode, an external reset must occurs by
asserting the RSTIN pin.
Power Down Mode can only be entered during PWRDN instruction execution if all enabled Fas-
tExternal Interrupt (EXxIN) pins are in their inactive level. Exiting this mode can be done by
asserting one enabled EXxIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com