Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 149Page - STMicroelectronics ST10F280 Datasheet HTML 150Page - STMicroelectronics ST10F280 Datasheet HTML 151Page - STMicroelectronics ST10F280 Datasheet HTML 152Page - STMicroelectronics ST10F280 Datasheet HTML 153Page - STMicroelectronics ST10F280 Datasheet HTML 154Page - STMicroelectronics ST10F280 Datasheet HTML 155Page - STMicroelectronics ST10F280 Datasheet HTML 156Page - STMicroelectronics ST10F280 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 186 page
background image
ST10F280
153/186
EXISEL (F1DAh / EDh)
ESFR
Reset Value: 0000h
XP3IC (F19Eh / CFh) 1
ESFR
Reset Value: - - 00h
Note: 1. XP3IC register has the same bit field as xxIC interrupt registers
xxIC (yyyyh / zzh)
SFR Area
Reset Value: - - 00h
15
14
13
12
11
10
9876543210
EXI7SS
EXI6SS
EXI5SS
EXI4SS
EXI3SS
EXI2SS
EXI1SS
EXI0SS
RW
RW
RW
RW
RW
RW
RW
RW
EXIxSS
External Interrupt x Source Selection (x=7...0)
‘00’:
Input from associated Port 2 pin.
‘01’:
Input from “alternate source”.
‘10’:
Input from Port 2 pin ORed with “alternate source”.
‘11’:
Input from Port 2 pin ANDed with “alternate source”.
EXIxSS
Port 2 pin
Alternate Source
0
P2.8
CAN1_RxD
1
P2.9
CAN2_RxD
2...7
P2.10...15
Not used (zero)
15
14
13
12
11
10
9876543210
-
-
-
-
-
-
-
-
XP3IR XP3IE
XP3ILVL
GLVL
RW
RW
RW
RW
15
14
13
12
11
10
9876543210
--------
xxIR
xxIE
ILVL
GLVL
RW
RW
RW
RW
Bit
Function
GLVL
Group Level
Defines the internal order for simultaneous requests of the same priority.
3: Highest group priority
0: Lowest group priority
ILVL
Interrupt Priority Level
Defines the priority level for the arbitration of requests.
Fh: Highest priority level
0h: Lowest priority level
xxIE
Interrupt Enable Control Bit (individually enables/disables a specific source)
‘0’: Interrupt Request is disabled
‘1’: Interrupt Request is enabled
xxIR
Interrupt Request Flag
‘0’: No request pending
‘1’: This source has raised an interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com