Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 145Page - STMicroelectronics ST10F280 Datasheet HTML 146Page - STMicroelectronics ST10F280 Datasheet HTML 147Page - STMicroelectronics ST10F280 Datasheet HTML 148Page - STMicroelectronics ST10F280 Datasheet HTML 149Page - STMicroelectronics ST10F280 Datasheet HTML 150Page - STMicroelectronics ST10F280 Datasheet HTML 151Page - STMicroelectronics ST10F280 Datasheet HTML 152Page - STMicroelectronics ST10F280 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 186 page
background image
ST10F280
149/186
19.2 - System Configuration Registers
The ST10F280 has registers used for different configuration of the overall system. These registers are
described below.
SYSCON (FF12h / 89h)
SFR
Reset Value: 0xx0h
Notes: 1. These bit are set directly or indirectly according to PORT0 and EA pin configuration during reset sequence.
2. Register SYSCON cannot be changed after execution of the EINIT instruction.
15 14 13
12
11
10
9
8
7
6
5
4
3
2
1
0
STKSZ
ROMS1 SGTDIS ROMEN BYTDIS
CLKEN WRCFG CSCFG
PWD
CFG
OWD
DIS
BDR
STEN
XPEN VISIBLE
XPER-
SHARE
RW
RW
RW
RW1
RW1
RW
RW1
RW
RW
RW
RW
RW
RW
RW
XPER-SHARE
XBUS Peripheral Share Mode Control
‘0’: External accesses to XBUS peripherals are disabled
‘1’: XBUS peripherals are accessible via the external bus during hold mode
VISIBLE
Visible Mode Control
‘0’: Accesses to XBUS peripherals are done internally
‘1’: XBUS peripheral accesses are made visible on the external pins
XPEN
XBUS Peripheral Enable bit
‘0’: Accesses to the on-chip X-Peripherals and XRAM are disabled
‘1’: The on-chip X-Peripherals are enabled.
BDRSTEN
Bidirectional Reset Enable
‘0’: RSTIN pin is an input pin only. (SW Reset or WDT Reset have no effect on this pin)
‘1’: RSTIN pin is a bidirectional pin. This pin is pulled low during 1024 TCL during reset sequence.
OWDDIS
Oscillator Watchdog Disable Control
‘0’: Oscillator Watchdog (OWD) is enabled. If PLL is bypassed, the OWD monitors XTAL1 activity. If
there is no activity on XTAL1 for at least 1
µs, the CPU clock is switched automatically to PLL’s
base frequency (2 to 10MHz).
‘1’: OWD is disabled. If the PLL is bypassed, the CPU clock is always driven by XTAL1 signal. The
PLL is turned off to reduce power supply current.
PWDCFG
Power Down Mode Configuration Control
‘0’: Power Down Mode can only be entered during PWRDN instruction execution if NMI pin is low,
otherwise the instruction has no effect. Exit power down only with reset.
‘1’: Power Down Mode can only be entered during PWRDN instruction execution if all enabled fast
external interrupt EXxIN pins are in their inactive level. Exiting this mode can be done by asserting
one enabled EXxIN pin or with external reset.
CSCFG
Chip Select Configuration Control
‘0’: Latched Chip Select lines: CSx change 1 TCL after rising edge of ALE
‘1’: Unlatched Chip Select lines: CSx change with rising edge of ALE.
WRCFG
Write Configuration Control (Inverted copy of bit WRC of RP0H)
‘0’: Pins WR and BHE retain their normal function
‘1’: Pin WR acts as WRL, pin BHE acts as WRH.
CLKEN
System Clock Output Enable (CLKOUT)
‘0’: CLKOUT disabled: pin may be used for general purpose I/O
‘1’: CLKOUT enabled: pin outputs the system clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com