Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 141Page - STMicroelectronics ST10F280 Datasheet HTML 142Page - STMicroelectronics ST10F280 Datasheet HTML 143Page - STMicroelectronics ST10F280 Datasheet HTML 144Page - STMicroelectronics ST10F280 Datasheet HTML 145Page - STMicroelectronics ST10F280 Datasheet HTML 146Page - STMicroelectronics ST10F280 Datasheet HTML 147Page - STMicroelectronics ST10F280 Datasheet HTML 148Page - STMicroelectronics ST10F280 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 186 page
background image
ST10F280
145/186
Notes: 1. The system configuration is selected during reset.
2. Bit WDTR indicates a watchdog timer triggered reset.
3. The XPnIC Interrupt Control Registers control interrupt requests from integrated X-Bus peripherals. Some software controlled
interrupt requests may be generated by setting the XPnIR bits (of XPnIC register) of the unused X-peripheral nodes.
T2IC
b
FF60h
B0h
GPT1 Timer 2 Interrupt Control Register
- - 00h
T3
FE42h
21h
GPT1 Timer 3 Register
0000h
T3CON
b
FF42h
A1h
GPT1 Timer 3 Control Register
0000h
T3IC
b
FF62h
B1h
GPT1 Timer 3 Interrupt Control Register
- - 00h
T4
FE44h
22h
GPT1 Timer 4 Register
0000h
T4CON
b
FF44h
A2h
GPT1 Timer 4 Control Register
0000h
T4IC
b
FF64h
B2h
GPT1 Timer 4 Interrupt Control Register
- - 00h
T5
FE46h
23h
GPT2 Timer 5 Register
0000h
T5CON
b
FF46h
A3h
GPT2 Timer 5 Control Register
0000h
T5IC
b
FF66h
B3h
GPT2 Timer 5 Interrupt Control Register
- - 00h
T6
FE48h
24h
GPT2 Timer 6 Register
0000h
T6CON
b
FF48h
A4h
GPT2 Timer 6 Control Register
0000h
T6IC
b
FF68h
B4h
GPT2 Timer 6 Interrupt Control Register
- - 00h
T7
F050h
E
28h
CAPCOM Timer 7 Register
0000h
T78CON
b
FF20h
90h
CAPCOM Timer 7 and 8 Control Register
0000h
T7IC
b
F17Ah
E
BEh
CAPCOM Timer 7 Interrupt Control Register
- - 00h
T7REL
F054h
E
2Ah
CAPCOM Timer 7 Reload Register
0000h
T8
F052h
E
29h
CAPCOM Timer 8 Register
0000h
T8IC
b
F17Ch
E
BFh
CAPCOM Timer 8 Interrupt Control Register
- - 00h
T8REL
F056h
E
2Bh
CAPCOM Timer 8 Reload Register
0000h
TFR
b
FFACh
D6h
Trap Flag Register
0000h
WDT
FEAEh
57h
Watchdog Timer Register (read only)
0000h
WDTCON
b
FFAEh
D7h
Watchdog Timer Control Register
00xxh 2)
XP0IC
b
F186h
E
C3h
CAN1 Module Interrupt Control Register
- - 00h 3)
XP1IC
b
F18Eh
E
C7h
CAN2 Module Interrupt Control Register
- - 00h 3)
XP2IC
b
F196h
E
CBh
XPWM Interrupt Control Register
- - 00h 3)
XP3IC
b
F19Eh
E
CFh
PLL unlock Interrupt Control Register
- - 00h 3)
XPERCON
F024h
E
12h
XPER Configuration Register
- - 05h
ZEROS
b
FF1Ch
8Eh
Constant Value 0’s Register (read only)
0000h
Table 35 : Special Function Registers Listed by Name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com