Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 139Page - STMicroelectronics ST10F280 Datasheet HTML 140Page - STMicroelectronics ST10F280 Datasheet HTML 141Page - STMicroelectronics ST10F280 Datasheet HTML 142Page - STMicroelectronics ST10F280 Datasheet HTML 143Page - STMicroelectronics ST10F280 Datasheet HTML 144Page - STMicroelectronics ST10F280 Datasheet HTML 145Page - STMicroelectronics ST10F280 Datasheet HTML 146Page - STMicroelectronics ST10F280 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 186 page
background image
ST10F280
143/186
P7
b
FFD0h
E8h
Port 7 Register (8-bit)
- - 00h
P8
b
FFD4h
EAh
Port 8 Register (8-bit)
- - 00h
P5DIDIS
b
FFA4h
D2h
Port 5 Digital Disable Register
0000h
POCON0L
F080h
E
40h
PORT0 Low Outpout Control Register (8-bit)
- - 00h
POCON0H
F082h
E
41h
PORT0 High Output Control Register (8-bit)
- - 00h
POCON1L
F084h
E
42h
PORT1 Low Output Control Register (8-bit)
- - 00h
POCON1H
F086h
E
43h
PORT1 High Output Control Register (8-bit)
- - 00h
POCON2
F088h
E
44h
Port2 Output Control Register
0000h
POCON3
F08Ah
E
45h
Port3 Output Control Register
0000h
POCON4
F08Ch
E
46h
Port4 Output Control Register (8-bit)
- - 00h
POCON6
F08Eh
E
47h
Port6 Output Control Register (8-bit)
- - 00h
POCON7
F090h
E
48h
Port7 Output Control Register (8-bit)
- - 00h
POCON8
F092h
E
49h
Port8 Output Control Register (8-bit)
- - 00h
POCON20
F0AAh
E
55h
ALE, RD, WR Output Control Register (8-bit)
- - 00h
PECC0
FEC0h
60h
PEC Channel 0 Control Register
0000h
PECC1
FEC2h
61h
PEC Channel 1 Control Register
0000h
PECC2
FEC4h
62h
PEC Channel 2 Control Register
0000h
PECC3
FEC6h
63h
PEC Channel 3 Control Register
0000h
PECC4
FEC8h
64h
PEC Channel 4 Control Register
0000h
PECC5
FECAh
65h
PEC Channel 5 Control Register
0000h
PECC6
FECCh
66h
PEC Channel 6 Control Register
0000h
PECC7
FECEh
67h
PEC Channel 7 Control Register
0000h
PICON
b
F1C4h
E
E2h
Port Input Threshold Control Register
- - 00h
PP0
F038h
E
1Ch
PWM Module Period Register 0
0000h
PP1
F03Ah
E
1Dh
PWM Module Period Register 1
0000h
PP2
F03Ch
E
1Eh
PWM Module Period Register 2
0000h
PP3
F03Eh
E
1Fh
PWM Module Period Register 3
0000h
PSW
b
FF10h
88h
CPU Program Status Word
0000h
PT0
F030h
E
18h
PWM Module Up/Down Counter 0
0000h
PT1
F032h
E
19h
PWM Module Up/Down Counter 1
0000h
PT2
F034h
E
1Ah
PWM Module Up/Down Counter 2
0000h
PT3
F036h
E
1Bh
PWM Module Up/Down Counter 3
0000h
PW0
FE30h
18h
PWM Module Pulse Width Register 0
0000h
PW1
FE32h
19h
PWM Module Pulse Width Register 1
0000h
PW2
FE34h
1Ah
PWM Module Pulse Width Register 2
0000h
PW3
FE36h
1Bh
PWM Module Pulse Width Register 3
0000h
Table 35 : Special Function Registers Listed by Name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com