Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 138Page - STMicroelectronics ST10F280 Datasheet HTML 139Page - STMicroelectronics ST10F280 Datasheet HTML 140Page - STMicroelectronics ST10F280 Datasheet HTML 141Page - STMicroelectronics ST10F280 Datasheet HTML 142Page - STMicroelectronics ST10F280 Datasheet HTML 143Page - STMicroelectronics ST10F280 Datasheet HTML 144Page - STMicroelectronics ST10F280 Datasheet HTML 145Page - STMicroelectronics ST10F280 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 186 page
background image
ST10F280
142/186
DPP0
FE00h
00h
CPU Data Page Pointer 0 Register (10-bit)
0000h
DPP1
FE02h
01h
CPU Data Page Pointer 1 Register (10-bit)
0001h
DPP2
FE04h
02h
CPU Data Page Pointer 2 Register (10-bit)
0002h
DPP3
FE06h
03h
CPU Data Page Pointer 3 Register (10-bit)
0003h
EXICON
b
F1C0h
E
E0h
External Interrupt Control Register
0000h
EXISEL
b
F1DAh
E
EDh
External Interrupt Source Selection Register
0000h
IDCHIP
F07Ch
E
3Eh
Device Identifier Register (n is the device revision)
118nh
IDMANUF
F07Eh
E
3Fh
Manufacturer Identifier Register
0401h
IDMEM
F07Ah
E
3Dh
On-chip Memory Identifier Register
3080h
IDPROG
F078h
E
3Ch
Programming Voltage Identifier Register
0040h
IDX0
b
FF08h
84h
MAC Unit Address Pointer 0
0000h
IDX1
b
FF0Ah
85h
MAC Unit Address Pointer 1
0000h
MAH
FE5Eh
2Fh
MAC Unit Accumulator - High Word
0000h
MAL
FE5Ch
2Eh
MAC Unit Accumulator - Low Word
0000h
MCW
b
FFDCh
EEh
MAC Unit Control Word
0000h
MDC
b
FF0Eh
87h
CPU Multiply Divide Control Register
0000h
MDH
FE0Ch
06h
CPU Multiply Divide Register – High Word
0000h
MDL
FE0Eh
07h
CPU Multiply Divide Register – Low Word
0000h
MRW
b
FFDAh
EDh
MAC Unit Repeat Word
0000h
MSW
b
FFDEh
EFh
MAC Unit Status Word
0200h
ODP2
b
F1C2h
E
E1h
Port 2 Open Drain Control Register
0000h
ODP3
b
F1C6h
E
E3h
Port 3 Open Drain Control Register
0000h
ODP4
b
F1CAh
E
E5h
Port 4 Open Drain Control Register
- - 00h
ODP6
b
F1CEh
E
E7h
Port 6 Open Drain Control Register
- - 00h
ODP7
b
F1D2h
E
E9h
Port 7 Open Drain Control Register
- - 00h
ODP8
b
F1D6h
E
EBh
Port 8 Open Drain Control Register
- - 00h
ONES
b
FF1Eh
8Fh
Constant Value 1’s Register (read only)
FFFFh
P0L
b
FF00h
80h
PORT0 Low Register (Lower half of PORT0)
- - 00h
P0H
b
FF02h
81h
PORT0 High Register (Upper half of PORT0)
- - 00h
P1L
b
FF04h
82h
PORT1 Low Register (Lower half of PORT1)
- - 00h
P1H
b
FF06h
83h
PORT1 High Register (Upper half of PORT1)
- - 00h
P2
b
FFC0h
E0h
Port 2 Register
0000h
P3
b
FFC4h
E2h
Port 3 Register
0000h
P4
b
FFC8h
E4h
Port 4 Register (8-bit)
- - 00h
P5
b
FFA2h
D1h
Port 5 Register (read only)
XXXXh
P6
b
FFCCh
E6h
Port 6 Register (8-bit)
- - 00h
Table 35 : Special Function Registers Listed by Name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com