Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 137Page - STMicroelectronics ST10F280 Datasheet HTML 138Page - STMicroelectronics ST10F280 Datasheet HTML 139Page - STMicroelectronics ST10F280 Datasheet HTML 140Page - STMicroelectronics ST10F280 Datasheet HTML 141Page - STMicroelectronics ST10F280 Datasheet HTML 142Page - STMicroelectronics ST10F280 Datasheet HTML 143Page - STMicroelectronics ST10F280 Datasheet HTML 144Page - STMicroelectronics ST10F280 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 186 page
background image
ST10F280
141/186
CC24IC
b
F170h
E
B8h
CAPCOM Register 24 Interrupt Control Register
- - 00h
CC25
FE72h
39h
CAPCOM Register 25
0000h
CC25IC
b
F172h
E
B9h
CAPCOM Register 25 Interrupt Control Register
- - 00h
CC26
FE74h
3Ah
CAPCOM Register 26
0000h
CC26IC
b
F174h
E
BAh
CAPCOM Register 26 Interrupt Control Register
- - 00h
CC27
FE76h
3Bh
CAPCOM Register 27
0000h
CC27IC
b
F176h
E
BBh
CAPCOM Register 27 Interrupt Control Register
- - 00h
CC28
FE78h
3Ch
CAPCOM Register 28
0000h
CC28IC
b
F178h
E
BCh
CAPCOM Register 28 Interrupt Control Register
- - 00h
CC29
FE7Ah
3Dh
CAPCOM Register 29
0000h
CC29IC
b
F184h
E
C2h
CAPCOM Register 29 Interrupt Control Register
- - 00h
CC30
FE7Ch
3Eh
CAPCOM Register 30
0000h
CC30IC
b
F18Ch
E
C6h
CAPCOM Register 30 Interrupt Control Register
- - 00h
CC31
FE7Eh
3Fh
CAPCOM Register 31
0000h
CC31IC
b
F194h
E
CAh
CAPCOM Register 31 Interrupt Control Register
- - 00h
CCM0
b
FF52h
A9h
CAPCOM Mode Control Register 0
0000h
CCM1
b
FF54h
AAh
CAPCOM Mode Control Register 1
0000h
CCM2
b
FF56h
ABh
CAPCOM Mode Control Register 2
0000h
CCM3
b
FF58h
ACh
CAPCOM Mode Control Register 3
0000h
CCM4
b
FF22h
91h
CAPCOM Mode Control Register 4
0000h
CCM5
b
FF24h
92h
CAPCOM Mode Control Register 5
0000h
CCM6
b
FF26h
93h
CAPCOM Mode Control Register 6
0000h
CCM7
b
FF28h
94h
CAPCOM Mode Control Register 7
0000h
CP
FE10h
08h
CPU Context Pointer Register
FC00h
CRIC
b
FF6Ah
B5h
GPT2 CAPREL Interrupt Control Register
- - 00h
CSP
FE08h
04h
CPU Code Segment Pointer Register (read only)
0000h
DP0L
b
F100h
E
80h
P0L Direction Control Register
- - 00h
DP0H
b
F102h
E
81h
P0h Direction Control Register
- - 00h
DP1L
b
F104h
E
82h
P1L Direction Control Register
- - 00h
DP1H
b
F106h
E
83h
P1h Direction Control Register
- - 00h
DP2
b
FFC2h
E1h
Port 2 Direction Control Register
0000h
DP3
b
FFC6h
E3h
Port 3 Direction Control Register
0000h
DP4
b
FFCAh
E5h
Port 4 Direction Control Register
- - 00h
DP6
b
FFCEh
E7h
Port 6 Direction Control Register
- - 00h
DP7
b
FFD2h
E9h
Port 7 Direction Control Register
- - 00h
DP8
b
FFD6h
EBh
Port 8 Direction Control Register
- - 00h
Table 35 : Special Function Registers Listed by Name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com