Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 144Page - STMicroelectronics ST10F280 Datasheet HTML 145Page - STMicroelectronics ST10F280 Datasheet HTML 146Page - STMicroelectronics ST10F280 Datasheet HTML 147Page - STMicroelectronics ST10F280 Datasheet HTML 148Page - STMicroelectronics ST10F280 Datasheet HTML 149Page - STMicroelectronics ST10F280 Datasheet HTML 150Page - STMicroelectronics ST10F280 Datasheet HTML 151Page - STMicroelectronics ST10F280 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 186 page
background image
ST10F280
148/186
19.1 - Identification Registers
The ST10F280 has four Identification registers, mapped in ESFR space. These register contain:
– A manufacturer identifier,
– A chip identifier, with its revision,
– A internal memory and size identifier and programming voltage description.
IDMANUF (F07Eh / 3Fh) 1
ESFR
Reset Value: 0401h
IDCHIP (F07Ch / 3Eh) 1
ESFR
Reset Value: 118Xh
IDMEM (F07Ah / 3Dh) 1
ESFR
Reset Value: 3080h
IDPROG (F078h / 3Ch) 1
ESFR
Reset Value: 0040h
Note : 1. All identification words are read only registers.
15
14
13
12
11
10
9876543210
MANUF
00001
R
MANUF
Manufacturer Identifier 020h: STMicroelectronics Manufacturer (JTAG worldwide normalisation).
15
14
13
12
11
10
9876543210
CHIPID
REVID
RR
REVID
Device Revision Identifier
CHIPID
Device Identifier 118h: ST10F280 identifier.
15
14
13
12
11
10
987654
3210
MEMTYP
MEMSIZE
RR
MEMSIZE
Internal Memory Size is calculated using the following formula:
Size = 4 x [MEMSIZE] (in K Byte) 080h for ST10F280 (512K Byte)
MEMTYP
Internal Memory Type 3h for ST10F280 (Flash memory).
15
14
13
12
11
10
9876543210
PROGVPP
PROGVDD
RR
PROGVDD
Programming VDD Voltage
VDD voltage when programming EPROM or FLASH devices is calculated using the
following formula: VDD = 20 x [PROGVDD] / 256 (volts) 40h for ST10F280 (5V).
PROGVPP
Programming VPP Voltage (no need of external VPP) 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com