Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 161 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 157Page - STMicroelectronics ST10F280 Datasheet HTML 158Page - STMicroelectronics ST10F280 Datasheet HTML 159Page - STMicroelectronics ST10F280 Datasheet HTML 160Page - STMicroelectronics ST10F280 Datasheet HTML 161Page - STMicroelectronics ST10F280 Datasheet HTML 162Page - STMicroelectronics ST10F280 Datasheet HTML 163Page - STMicroelectronics ST10F280 Datasheet HTML 164Page - STMicroelectronics ST10F280 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 186 page
background image
ST10F280
161/186
The mechanism used to generate the CPU clock is selected during reset by the logic levels on pins
P0.15-13 (P0H.7-5).
20.4.3 - Clock Generation Modes
The Table 40 associates the combinations of these three bit with the respective clock generation mode.
Notes: 1. The external clock input range refers to a CPU clock range of 1...40MHz.
2. The maximum depends on the duty cycle of the external clock signal.
3. The maximum input frequency is 25MHz when using an external crystal with the internal oscillator; providing that internal serial
resistance of the crystal is less than 40
Ω. However, higher frequencies can be applied with an external clock source on pin XTAL1,
but in this case, the input clock signal must reach the defined levels VIL and VIH2..
4. The PLL free-running frequency is from 2 to 10MHz.
Figure 77 : Generation Mechanisms for the CPU Clock
Table 40 : CPU Frequency Generation
P0H.7 P0H.6 P0H.5 CPU Frequency fCPU = fXTAL x F External Clock Input Range1
Notes
11
1
fXTAL x 4
2.5 to 10MHz
Default configuration
11
0
fXTAL x 3
3.33 to 13.33MHz
10
1
fXTAL x 2
5 to 20MHz
10
0
fXTAL x 5
2 to 8MHz
01
1
fXTAL x 1
1 to 40MHz
Direct drive 2 4
01
0
fXTAL x 10
1 to 4MHz
00
1
fXTAL x 0.5
2 to 80MHz
CPU clock via prescaler3
00
0
fXTAL x 2.5
4 to 16MHz
TCL TCL
fCPU
fXTAL
fCPU
fXTAL
Phase locked loop operation
Direct Clock Drive
TCL
TCL
fCPU
fXTAL
Prescaler Operation
TCL TCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com