Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 159Page - STMicroelectronics ST10F280 Datasheet HTML 160Page - STMicroelectronics ST10F280 Datasheet HTML 161Page - STMicroelectronics ST10F280 Datasheet HTML 162Page - STMicroelectronics ST10F280 Datasheet HTML 163Page - STMicroelectronics ST10F280 Datasheet HTML 164Page - STMicroelectronics ST10F280 Datasheet HTML 165Page - STMicroelectronics ST10F280 Datasheet HTML 166Page - STMicroelectronics ST10F280 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 186 page
background image
ST10F280
163/186
The real minimum value for TCL depends on the
jitter of the PLL. The PLL tunes fCPU to keep it
locked on fXTAL. The relative deviation of TCL is
the maximum when it is refered to one TCL
period. It decreases according to the formula and
to the Figure 78 given below. For
N periods of TCL
the minimum value is computed using the
corresponding deviation DN:
where N = number of consecutive TCL periods
and 1
≤ N ≤ 40. So for a period of 3 TCL periods
(N = 3):
D3
=
4 - 3/15 = 3.8%
3TCLmin
=3 TCLNOM x (1 - 3.8/100)
=3 TCLNOM x 0.962
3TCLmin
=
(36.075ns at fCPU = 40MHz)
This is especially important for bus cycles using wait
states and e.g. for the operation of timers, serial
interfaces, etc. For all slower operations and longer
periods (e.g. pulse train generation or measurement,
lower Baud rates, etc.) the deviation caused by the
PLL jitter is negligible.
20.4.8 - External Clock Drive XTAL1
VDD = 5V ± 10%, VSS = 0V, TA = -40 to +125 °C
Notes: 1. Theoretical minimum. The real minimum value depends on the duty cycle of the input clock signal. 25MHz is the maximum input
frequency when using an external crystal oscillator. Howevwer, 40MHz can be applied with an external clock source.
2. The input clock signal must reach the defined levels VIL and VIH2.
TCL
MIN
TCL
NOM
1
D
N
100
-------------
–




×
=
D
N
4N 15
) %
[]
⁄
–
(
±
=
Figure 78 : Approximated Maximum PLL Jitter
Parameter
Symbol
fCPU = fXTAL
fCPU = fXTAL / 2
fCPU = fXTAL x F
F = 2 / 2.5 / 3 / 4 / 5 / 10
Unit
min
max
min
max
min
max
Oscillator period
tOSC SR
25 1
–
12.5
–
40 x N
100 x N
ns
High time
t1
SR
10 2
–
5 2
–
10 2
–ns
Low time
t2
SR
10 2
–
5 2
–
10 2
–ns
Rise time
t3
SR
–
3 2
–
3 3
–
3 2
ns
Fall time
t4
SR
–
3 2
–
3 2
–
3 2
ns
32
16
8
4
2
±1
±2
±3
±4
Max.jitter [%]
N
This approximated formula is valid for
1
≤ N ≤ 40 and 10MHz ≤ f
CPU ≤ 40MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com