Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 162Page - STMicroelectronics ST10F280 Datasheet HTML 163Page - STMicroelectronics ST10F280 Datasheet HTML 164Page - STMicroelectronics ST10F280 Datasheet HTML 165Page - STMicroelectronics ST10F280 Datasheet HTML 166Page - STMicroelectronics ST10F280 Datasheet HTML 167Page - STMicroelectronics ST10F280 Datasheet HTML 168Page - STMicroelectronics ST10F280 Datasheet HTML 169Page - STMicroelectronics ST10F280 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 186 page
background image
ST10F280
166/186
Note: 1. Partially tested, guaranted by design characterization.
t42
CC
ALE fall. edge to RdCS, WrCS
(with RW delay)
7 + tA
–
TCL - 5.5+ tA
–ns
t43
CC
ALE fall. edge to RdCS, WrCS
(no RW delay)
-5.5 + tA
–
-5.5 + tA
–ns
t44
CC
Address float after RdCS,
WrCS (with RW delay)
1
–0
–
0
ns
t45
CC
Address float after RdCS,
WrCS (no RW delay)
1
–
12.5
–
TCL
ns
t46
SR
RdCS to Valid Data In
(with RW delay)
–4 + tC
–
2 TCL - 21 + tC
ns
t47
SR
RdCS to Valid Data In
(no RW delay)
–
16.5 + tC
–
3 TCL - 21 + tC
ns
t48
CC
RdCS, WrCS Low Time
(with RW delay)
15.5 + tC
–
2 TCL - 9.5 + tC
–ns
t49
CC
RdCS, WrCS Low Time
(no RW delay)
28 + tC
–
3 TCL - 9.5 + tC
–ns
t50
CC
Data valid to WrCS
10 + tC
–
2 TCL - 15+ tC
–ns
t51
SR
Data hold after RdCS
0–
0
–
ns
t52
SR
Data float after RdCS
1
–
16.5 + tF
–
2 TCL - 8.5+tF
ns
t54
CC
Address hold after
RdCS, WrCS
6 + tF
–
2 TCL - 19 + tF
–ns
t56
CC
Data hold after WrCS
6 + tF
–
2 TCL - 19 + tF
–ns
Table 41 : Multiplexed Bus Characteristics
Symbol
Parameter
Max. CPU Clock
= 40MHz
Variable CPU Clock
1/2 TCL = 1 to 40MHz
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com