Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 147 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 147 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 143Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 144Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 145Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 146Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 147Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 148Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 149Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 150Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 151Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 182 page
background image
147
4173E–USB–09/07
AT89C5132
21. Analog to Digital Converter
The AT89C5132 implement a 2-channel 10-bit (8 true bits) analog to digital converter (ADC).
First channel of this ADC can be used for battery monitoring while the second one can be used
for voice sampling at 8 kHz.
21.1
Description
The A/D converter interfaces with the C51 core through four special function registers: ADCON,
the ADC control register (see Table 31); ADDH and ADDL, the ADC data registers (see Table 33
and Table 34); and ADCLK, the ADC clock register (see Table 32).
As shown in Figure 21-1, the ADC is composed of a 10-bit cascaded potentiometric digital to
analog converter, connected to the negative input of a comparator. The output voltage of this
DAC is compared to the analog voltage stored in the Sample and Hold and coming from AIN0 or
AIN1 input depending on the channel selected (see Table 30). The 10-bit ADDAT converted
value (see formula in Figure 21-1) is delivered in ADDH and ADDL registers, ADDH is giving the
8 most significant bits while ADDL is giving the 2 least significant bits. ADDAT
Figure 21-1. ADC Structure
Figure 21-2 shows the timing diagram of a complete conversion. For simplicity, the figure depicts
the waveforms in idealized form and do not provide precise timing information. For ADC charac-
teristics and timing parameters refer to the section “AC Characteristics”.
0
1
AIN1
AIN0
ADCS
ADCON.0
AVSS
Sample and Hold
ADDH
AREFP
R/2R DAC
ADC
CLOCK
AREFN
8
10
ADEN
ADCON.5
ADSST
ADCON.3
ADEOC
ADCON.4
ADC
Interrupt
Request
EADC
IEN1.3
CONTROL
+
-
ADDL
2
SAR
ADDAT
1023 V
⋅
I N
V
R E F
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com