Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 150 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 146Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 147Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 148Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 149Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 150Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 151Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 152Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 153Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 182 page
background image
150
4173E–USB–09/07
AT89C5132
enabled by setting EADC bit in IEN1 register. This flag is set by hardware and must be reset by
software.
21.2
Registers
Table 31. ADCON Register
ADCON (S:F3h) – ADC Control Register
Reset Value = 0000 0000b
Table 32. ADCLK Register
ADCLK (S:F2h) – ADC Clock Divider Register
Reset Value = 0000 0000b
7
6
5
4
3
2
1
0
-
ADIDL
ADEN
ADEOC
ADSST
-
-
ADCS
Bit Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is always 0. Do not set this bit.
6
ADIDL
ADC Pseudo-Idle Mode
Set to suspend the CPU core activity (pseudo-idle mode) during conversion.
Clear by hardware at the end of conversion.
5
ADEN
ADC Enable Bit
Set to enable the A to D converter.
Clear to disable the A to D converter and put it in low power stand by mode.
4
ADEOC
End Of Conversion Flag
Set by hardware when ADC result is ready to be read. This flag can generate an
interrupt.
Must be cleared by software.
3
ADSST
Start and Status Bit
Set to start an A to D conversion on the selected channel.
Cleared by hardware at the end of conversion.
2 - 1
-
Reserved
The value read from these bits is always 0. Do not set these bits.
0
ADCS
Channel Selection Bit
Set to select channel 0 for conversion.
Clear to select channel 1 for conversion.
7
6
5
4
3
2
1
0
-
-
-
ADCD4
ADCD3
ADCD2
ADCD1
ADCD0
Bit Number
Bit
Mnemonic
Description
7 - 5
-
Reserved
The value read from these bits is always 0. Do not set these bits.
4 - 0
ADCD4:0
ADC Clock Divider
5-bit divider for ADC clock generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com