Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 154 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 154 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 150Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 151Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 152Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 153Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 154Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 155Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 156Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 157Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 158Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 182 page
background image
154
4173E–USB–09/07
AT89C5132
23. Electrical Characteristics
23.1
Absolute Maximum Ratings
23.2
DC Characteristics
23.2.1
Digital Logic
Storage Temperature ..................................... -65°C to +150°C
Voltage on any other Pin to
VSS .....................................-0.3 to +4.0V
IOL per I/O Pin ................................................................. 5 mA
Power Dissipation ............................................................. 1 W
Ambient Temperature Under Bias.................... -40°C to +85°C
VDD ....................................................................................... 2.7V to 3.3V
*NOTICE:
Stressing the device beyond the “Absolute Maxi-
mum Ratings” may cause permanent damage.
These are stress ratings only. Operation beyond
the “operating conditions” is not recommended
and extended exposure beyond the “Operating
Conditions” may affect device reliability.
Table 103. Digital DC Characteristics
VDD = 2.7 to 3.3V , TA = -40 to +85°C
Symbol
Parameter
Min
Typ(1)
Max
Units
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2·V
DD - 0.1
V
V
IH1
Input High Voltage (except RST, X1)
0.2·V
DD + 1.1
V
DD
V
V
IH2
Input High Voltage (RST, X1)
0.7·V
DD
(2)
V
DD + 0.5
V
VOL1
Output Low Voltage
(except P0, ALE, MCMD, MDAT, MCLK,
SCLK, DCLK, DSEL, DOUT)
0.45
V
IOL= 1.6 mA
V
OL2
Output Low Voltage
(P0, ALE, MCMD, MDAT, MCLK, SCLK,
DCLK, DSEL, DOUT)
0.45
V
I
OL= 3.2 mA
V
OH1
Output High Voltage
(P1, P2, P3, P4 and P5)
V
DD - 0.7
V
I
OH= -30 µA
V
OH2
Output High Voltage
(P0, P2 address mode, ALE, MCMD,
MDAT, MCLK, SCLK, DCLK, DSEL,
DOUT, D+, D-)
V
DD - 0.7
V
I
OH= -3.2 mA
IIL
Logical 0 Input Current (P1, P2, P3, P4
and P5)
-50
µ
A
Vin = 0.45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com