Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 155 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 151Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 152Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 153Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 154Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 155Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 156Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 157Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 158Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 182 page
background image
155
4173E–USB–09/07
AT89C5132
Notes:
1. Typical values are obtained using VDD= 3 V and TA= 25°C. They are not tested and there is no
guarantee on these values.
2. Flash retention is guaranteed with the same formula for VDD min down to 0V.
3. See Table 154 for typical consumption in player mode.
23.2.2
IDD, IDL and IPD Test Conditions
Figure 23-1. IDD Test Condition, Active Mode
ILI
Input Leakage Current (P0, ALE, MCMD,
MDAT, MCLK, SCLK, DCLK, DSEL,
DOUT)
10
µ
A
0.45< VIN< VDD
ITL
Logical 1 to 0 Transition Current
(P1, P2, P3, P4 and P5)
-650
µ
A
Vin = 2.0 V
R
RST
Pull-Down Resistor
50
90
200
kΩ
C
IO
Pin Capacitance
10
pF
T
A= 25°C
V
RET
V
DD Data Retention Limit
1.8
V
IDD
Operating Current
(3)
X1 / X2 mode
6.5 / 10.5
8 / 13.5
9.5 / 17
mA
V
DD < 3.3 V
12 MHz
16 MHz
20 MHz
I
DL
Idle Mode Current
(3)
X1 / X2 mode
5.3 / 8.1
6.4 / 10.3
7.5 / 13
mA
V
DD < 3.3 V
12 MHz
16 MHz
20 MHz
IPD
Power-Down Mode Current
20
500
µ
A
VRET < VDD < 3.3 V
Table 103. Digital DC Characteristics
VDD = 2.7 to 3.3V , TA = -40 to +85°C
Symbol
Parameter
Min
Typ(1)
Max
Units
Test Conditions
RST
TST
P0
All other pins are unconnected
VDD
VDD
VDD
IDD
VDD
PVDD
UVDD
AVDD
X2
Clock Signal
VSS
X1
(NC)
VSS
PVSS
UVSS
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com