Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 472 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 472 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 468Page - Renesas Technology Corp H8S2245 Datasheet HTML 469Page - Renesas Technology Corp H8S2245 Datasheet HTML 470Page - Renesas Technology Corp H8S2245 Datasheet HTML 471Page - Renesas Technology Corp H8S2245 Datasheet HTML 472Page - Renesas Technology Corp H8S2245 Datasheet HTML 473Page - Renesas Technology Corp H8S2245 Datasheet HTML 474Page - Renesas Technology Corp H8S2245 Datasheet HTML 475Page - Renesas Technology Corp H8S2245 Datasheet HTML 476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 430 of 772
REJ09B0355-0300
12.2.9
Smart Card Mode Register (SCMR)
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
SDIR
0
R/W
0
SMIF
0
R/W
2
SINV
0
R/W
1
—
1
—
Bit
Initial value
R/W
:
:
:
SCMR selects LSB-first or MSB-first by means of bit SDIR. With an 8-bit length, LSB-first or
MSB-first transfer can be selected regardless of the serial communication mode. The descriptions
in this chapter refer to LSB-first transfer.
For details of the other bits in SCMR, see 13.2.1, Smart Card Mode Register (SCMR).
SCMR is initialized to H'F2 by a reset, and in standby mode or module stop mode.
Bits 7 to 4—Reserved: Read-only bits, always read as 1.
Bit 3—Smart Card Data Transfer Direction (SDIR): Selects the serial/parallel conversion
format.
The transfer format is valid for 8-bit data.
Bit 3
SDIR
Description
0
TDR contents are transmitted LSB-first
(Initial value)
Receive data is stored in RDR LSB-first
1
TDR contents are transmitted MSB-first
Receive data is stored in RDR MSB-first
Bit 2—Smart Card Data Invert (SINV): When the smart card interface operates as a normal
SCI, 0 should be written in this bit.
Bit 1—Reserved: Read-only bit, always read as 1.
Bit 0—Smart Card Interface Mode Select (SMIF): When the smart card interface operates as a
normal SCI, 0 should be written in this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com