Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 475 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 471Page - Renesas Technology Corp H8S2245 Datasheet HTML 472Page - Renesas Technology Corp H8S2245 Datasheet HTML 473Page - Renesas Technology Corp H8S2245 Datasheet HTML 474Page - Renesas Technology Corp H8S2245 Datasheet HTML 475Page - Renesas Technology Corp H8S2245 Datasheet HTML 476Page - Renesas Technology Corp H8S2245 Datasheet HTML 477Page - Renesas Technology Corp H8S2245 Datasheet HTML 478Page - Renesas Technology Corp H8S2245 Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 433 of 772
REJ09B0355-0300
Table 12.8
SMR Settings and Serial Transfer Format Selection
SMR Settings
SCI Transfer Format
Bit 7
Bit 6
Bit 2
Bit 5
Bit 3
C/
A
AA
A
CHR
MP
PE
STOP
Mode
Data
Length
Multi-
processor
Bit
Parity
Bit
Stop Bit
Length
00000
8-bit data
No
No
1 bit
1
Asynchronous
mode
2 bits
10
Yes
1 bit
12 bits
1
0
0
7-bit data
No
1 bit
12 bits
10
Yes
1 bit
12 bits
01
—
0
8-bit data
Yes
No
1 bit
—
12 bits
1
—
0
7-bit data
1 bit
—
1
Asynchronous
mode
(multiprocessor
format)
2 bits
1
————
Clocked
synchronous mode
8-bit data
No
None
Table 12.9
SMR and SCR Settings and SCI Clock Source Selection
SMR
SCR Setting
SCI Transmit/Receive clock
Bit 7
Bit 1
Bit 0
C/
A
AA
A
CKE1
CKE0
Mode
Clock
Source
SCK Pin Function
0
0
0
Internal
SCI does not use SCK pin
1
Asynchronous
mode
Outputs clock with same frequency as bit
rate
10
External
1
Inputs clock with frequency of 16 times
the bit rate
1
0
0
Internal
Outputs the serial clock
1
10
Clocked
synchronous
mode
External
Inputs the serial clock
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com