Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 474 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 470Page - Renesas Technology Corp H8S2245 Datasheet HTML 471Page - Renesas Technology Corp H8S2245 Datasheet HTML 472Page - Renesas Technology Corp H8S2245 Datasheet HTML 473Page - Renesas Technology Corp H8S2245 Datasheet HTML 474Page - Renesas Technology Corp H8S2245 Datasheet HTML 475Page - Renesas Technology Corp H8S2245 Datasheet HTML 476Page - Renesas Technology Corp H8S2245 Datasheet HTML 477Page - Renesas Technology Corp H8S2245 Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 432 of 772
REJ09B0355-0300
12.3
Operation
12.3.1
Overview
The SCI can carry out serial communication in two modes: asynchronous mode in which
synchronization is achieved character by character, and clocked synchronous mode in which
synchronization is achieved with clock pulses.
Selection of asynchronous or clocked synchronous mode and the transmission format is made
using SMR as shown in table 12.8. The SCI clock is determined by a combination of the C/
A bit
in SMR and the CKE1 and CKE0 bits in SCR, as shown in table 12.9.
Asynchronous mode:
• Data length: Choice of 7 or 8 bits
• Choice of parity addition, multiprocessor bit addition, and addition of 1 or 2 stop bits (the
combination of these parameters determines the transfer format and character length)
• Detection of framing, parity, and overrun errors, and breaks, during reception
• Choice of internal or external clock as SCI clock source
 When internal clock is selected:
The SCI operates on the baud rate generator clock and a clock with the same frequency as
the bit rate can be output
 When external clock is selected:
A clock with a frequency of 16 times the bit rate must be input (the on-chip baud rate
generator is not used)
Clocked synchronous mode:
• Transfer format: Fixed 8-bit data
• Detection of overrun errors during reception
• Choice of internal or external clock as SCI clock source
 When internal clock is selected:
The SCI operates on the baud rate generator clock and a serial clock is output off-chip
 When external clock is selected:
The on-chip baud rate generator is not used, and the SCI operates on the input serial clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com