Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 473 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 473 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 469Page - Renesas Technology Corp H8S2245 Datasheet HTML 470Page - Renesas Technology Corp H8S2245 Datasheet HTML 471Page - Renesas Technology Corp H8S2245 Datasheet HTML 472Page - Renesas Technology Corp H8S2245 Datasheet HTML 473Page - Renesas Technology Corp H8S2245 Datasheet HTML 474Page - Renesas Technology Corp H8S2245 Datasheet HTML 475Page - Renesas Technology Corp H8S2245 Datasheet HTML 476Page - Renesas Technology Corp H8S2245 Datasheet HTML 477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 431 of 772
REJ09B0355-0300
12.2.10
Module Stop Control Register (MSTPCR)
15
0
R/W
Bit
Initial value
R/W
:
:
:
14
0
R/W
13
1
R/W
12
1
R/W
11
1
R/W
10
1
R/W
9
1
R/W
8
1
R/W
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
2
1
R/W
1
1
R/W
0
1
R/W
MSTPCRH
MSTPCRL
MSTPCR is a 16-bit readable/writable register that performs module stop mode control.
When the corresponding bit of bits MSTP7 to MSTP5 is set to 1, SCI operation stops at the end of
the bus cycle and a transition is made to module stop mode. For details, see section 18.5, Module
Stop Mode.
MSTPCR is initialized to H'3FFF by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit 7—Module Stop (MSTP7): Specifies the SCI channel 2 module stop mode.
Bit 7
MSTP7
Description
0
SCI channel 2 module stop mode cleared
1
SCI channel 2 module stop mode set
(Initial value)
Bit 6—Module Stop (MSTP6): Specifies the SCI channel 1 module stop mode.
Bit 6
MSTP6
Description
0
SCI channel 1 module stop mode cleared
1
SCI channel 1 module stop mode set
(Initial value)
Bit 5—Module Stop (MSTP5): Specifies the SCI channel 0 module stop mode.
Bit 5
MSTP5
Description
0
SCI channel 0 module stop mode cleared
1
SCI channel 0 module stop mode set
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com