Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 586 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 586 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 582Page - Renesas Technology Corp H8S2245 Datasheet HTML 583Page - Renesas Technology Corp H8S2245 Datasheet HTML 584Page - Renesas Technology Corp H8S2245 Datasheet HTML 585Page - Renesas Technology Corp H8S2245 Datasheet HTML 586Page - Renesas Technology Corp H8S2245 Datasheet HTML 587Page - Renesas Technology Corp H8S2245 Datasheet HTML 588Page - Renesas Technology Corp H8S2245 Datasheet HTML 589Page - Renesas Technology Corp H8S2245 Datasheet HTML 590Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 586 / 818 page
background image
Section 17 Clock Pulse Generator
Rev.3.00 Mar. 26, 2007 Page 544 of 772
REJ09B0355-0300
17.1.2
Register Configuration
The clock pulse generator is controlled by SCKCR and LPWCR. Table 17.1 shows the register
configuration.
Table 17.1
Clock Pulse Generator Register
Name
Abbreviation
R/W
Initial Value
Address*
System clock control register
SCKCR
R/W
H'00
H'FF3A
Low power control register
LPWCR
R/W
H'00
H'FF44
Note:
*
Lower 16 bits of the address.
17.2
Register Descriptions
17.2.1
System Clock Control Register (SCKCR)
7
PSTOP
0
R/W
6
—
0
R/W
5
—
0
—
4
—
0
—
3
—
0
—
0
SCK0
0
R/W
2
SCK2
0
R/W
1
SCK1
0
R/W
Bit
Initial value
R/W
:
:
:
SCKCR is an 8-bit readable/writable register that performs
φ clock output control and medium-
speed mode control.
SCKCR is initialized to H'00 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit 7—
φφφφ Clock Output Disable (PSTOP): Controls φ output.
Description
Bit 7
PSTOP
Normal Operation
Sleep Mode
Software
Standby Mode
Hardware
Standby Mode
0
φ output (initial value)
φ output
Fixed high
High impedance
1
Fixed high
Fixed high
Fixed high
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com