Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 587 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 587 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 583Page - Renesas Technology Corp H8S2245 Datasheet HTML 584Page - Renesas Technology Corp H8S2245 Datasheet HTML 585Page - Renesas Technology Corp H8S2245 Datasheet HTML 586Page - Renesas Technology Corp H8S2245 Datasheet HTML 587Page - Renesas Technology Corp H8S2245 Datasheet HTML 588Page - Renesas Technology Corp H8S2245 Datasheet HTML 589Page - Renesas Technology Corp H8S2245 Datasheet HTML 590Page - Renesas Technology Corp H8S2245 Datasheet HTML 591Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 587 / 818 page
background image
Section 17 Clock Pulse Generator
Rev.3.00 Mar. 26, 2007 Page 545 of 772
REJ09B0355-0300
Bit 6—Reserved: This bit can be read or written to, but only 0 should be written.
Bits 5 to 3—Reserved: Read-only bits, always read as 0.
Bits 2 to 0—System Clock Select 2 to 0 (SCK2 to SCK0): These bits select the clock for the bus
master.
Bit 2
Bit 1
Bit 0
SCK2
SCK1
SCK0
Description
0
0
0
Bus master is in high-speed mode
(Initial value)
1
Medium-speed clock is
φ/2
1
0
Medium-speed clock is
φ/4
1
Medium-speed clock is
φ/8
1
0
0
Medium-speed clock is
φ/16
1
Medium-speed clock is
φ/32
1—
—
17.2.2
Low Power Control Register (LPWCR)
7
—
0
R/W
6
—
0
R/W
5
RFCUT
0
R/W
4
—
0
R/W
3
—
0
R/W
0
—
0
R/W
2
—
0
R/W
1
—
0
R/W
Bit
Initial value
R/W
:
:
:
LPWCR is an 8-bit readable/writable register that controls the oscillator's built-in feedback
resistor when using external clock input.
LPWCR is initialized to H'00 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bits 6 and 7—Reserved: These bits can be read or written to, but do not affect operation.
Bit 5—Built-in Feedback Resistor Control (RFCUT): Selects whether the oscillator's built-in
feedback resistor and duty adjustment circuit are used with external clock input. Do not access this
bit when a crystal oscillator is used.
When an external clock is input, a temporary transition should be made to software standby mode
after setting this bit. When software standby mode is entered, it is possible to select use or non-use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com