Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 589 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 589 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 585Page - Renesas Technology Corp H8S2245 Datasheet HTML 586Page - Renesas Technology Corp H8S2245 Datasheet HTML 587Page - Renesas Technology Corp H8S2245 Datasheet HTML 588Page - Renesas Technology Corp H8S2245 Datasheet HTML 589Page - Renesas Technology Corp H8S2245 Datasheet HTML 590Page - Renesas Technology Corp H8S2245 Datasheet HTML 591Page - Renesas Technology Corp H8S2245 Datasheet HTML 592Page - Renesas Technology Corp H8S2245 Datasheet HTML 593Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 818 page
background image
Section 17 Clock Pulse Generator
Rev.3.00 Mar. 26, 2007 Page 547 of 772
REJ09B0355-0300
Crystal resonator
Figure 17.3 shows the equivalent circuit of the crystal resonator. Use a crystal resonator that has
the characteristics shown in table 17.3 and the same resonance frequency as the system clock (
φ).
XTAL
CL
AT-cut parallel-resonance type
EXTAL
C0
LRs
Figure 17.3 Crystal Resonator Equivalent Circuit
Table 17.3
Crystal Resonator Parameters
Frequency (MHz)
24812
16
20
R
s max (Ω
Ω
Ω
Ω)
500
120
80
60
50
40
C
0 max (pF)
777777
Note on Board Design
When a crystal resonator is connected, the following points should be noted:
Other signal lines should be routed away from the oscillator circuit to prevent induction from
interfering with correct oscillation. See figure 17.4.
When designing the board, place the crystal resonator and its load capacitors as close as possible
to the XTAL and EXTAL pins.
CL2
Signal A Signal B
CL1
H8S/2245
XTAL
EXTAL
Avoid
Figure 17.4 Example of Incorrect Board Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com