Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 592 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 592 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 588Page - Renesas Technology Corp H8S2245 Datasheet HTML 589Page - Renesas Technology Corp H8S2245 Datasheet HTML 590Page - Renesas Technology Corp H8S2245 Datasheet HTML 591Page - Renesas Technology Corp H8S2245 Datasheet HTML 592Page - Renesas Technology Corp H8S2245 Datasheet HTML 593Page - Renesas Technology Corp H8S2245 Datasheet HTML 594Page - Renesas Technology Corp H8S2245 Datasheet HTML 595Page - Renesas Technology Corp H8S2245 Datasheet HTML 596Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 818 page
background image
Section 17 Clock Pulse Generator
Rev.3.00 Mar. 26, 2007 Page 550 of 772
REJ09B0355-0300
Table 17.5
External Clock Input Conditions when Duty Adjustment Circuit Is Not Used
V
CC = 2.7 V
to 5.5 V
V
CC = 2.7 V
to 5.5 V*
V
CC = 5.0 V
±10%
Item
Symbol
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
External clock
input pulse
width low level
t
EXL
50
—
37.5
—
25
—
ns
Figure 17.6
External clock
input pulse
width high level
t
EXH
50
—
37.5
—
25
—
ns
External clock
rise time
t
EXr
—
10
—
7.5
—
5ns
External clock
fall time
t
EXf
—
10
—
7.5
—
5ns
Notes: When the duty adjustment circuit is not used, the maximum operating frequency falls
according to the input waveform.
(Example: When t
EXL = tEXH = 25 ns and tEXr = tEXf = 5 ns, the clock cycle time = 60 ns, and
therefore the maximum operating frequency = 16.7 MHz.)
*
Does not apply to the HD6472246.
tEXH
tEXL
tEXr
tEXf
VCC × 0.5
EXTAL
Figure 17.6 External Clock Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com