Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 588 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 588 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 584Page - Renesas Technology Corp H8S2245 Datasheet HTML 585Page - Renesas Technology Corp H8S2245 Datasheet HTML 586Page - Renesas Technology Corp H8S2245 Datasheet HTML 587Page - Renesas Technology Corp H8S2245 Datasheet HTML 588Page - Renesas Technology Corp H8S2245 Datasheet HTML 589Page - Renesas Technology Corp H8S2245 Datasheet HTML 590Page - Renesas Technology Corp H8S2245 Datasheet HTML 591Page - Renesas Technology Corp H8S2245 Datasheet HTML 592Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 818 page
background image
Section 17 Clock Pulse Generator
Rev.3.00 Mar. 26, 2007 Page 546 of 772
REJ09B0355-0300
of the oscillator's built-in feedback resistor and duty adjustment circuit. Software standby mode
should then be exited by means of an external interrupt.
Bit 5
RFCUT
Description
0
Oscillator's built-in feedback resistor and duty adjustment circuit are used
(Initial value)
1
Oscillator's built-in feedback resistor and duty adjustment circuit are not used
Bits 4 to 0—Reserved: These bits can be read or written to, but do not affect operation.
17.3
Oscillator
Clock pulses can be supplied by connecting a crystal resonator, or by input of an external clock.
17.3.1
Connecting a Crystal Resonator
Circuit Configuration
A crystal resonator can be connected as shown in the example in figure 17.2. Select the damping
resistance R
d according to table 17.2. An AT-cut parallel-resonance crystal should be used.
EXTAL
XTAL
Rd
CL2
CL1
CL1 = CL2 = 10 to 22 pF
Figure 17.2 Connection of Crystal Resonator (Example)
Table 17.2
Damping Resistance Value
Frequency (MHz)
24812
16
20
R
d (Ω
Ω
Ω
Ω)
1 k
500
200
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com