Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 591 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 591 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 587Page - Renesas Technology Corp H8S2245 Datasheet HTML 588Page - Renesas Technology Corp H8S2245 Datasheet HTML 589Page - Renesas Technology Corp H8S2245 Datasheet HTML 590Page - Renesas Technology Corp H8S2245 Datasheet HTML 591Page - Renesas Technology Corp H8S2245 Datasheet HTML 592Page - Renesas Technology Corp H8S2245 Datasheet HTML 593Page - Renesas Technology Corp H8S2245 Datasheet HTML 594Page - Renesas Technology Corp H8S2245 Datasheet HTML 595Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 591 / 818 page
background image
Section 17 Clock Pulse Generator
Rev.3.00 Mar. 26, 2007 Page 549 of 772
REJ09B0355-0300
External Clock
The external clock signal should have the same frequency as the system clock (
φ).
Table 17.4 and figure 17.6 show the input conditions for the external clock.
Table 17.4
External Clock Input Conditions
V
CC = 2.7 V
to 5.5 V
V
CC = 2.7 V
to 5.5 V*
V
CC = 5.0 V
±10%
Item
Symbol
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
External clock
input pulse
width low level
t
EXL
40
—
30
—
20
—
ns
Figure 17.6
External clock
input pulse
width high level
t
EXH
40
—
30
—
20
—
ns
External clock
rise time
t
EXr
—
10
—
7.5
—
5ns
External clock
fall time
t
EXf
—
10
—
7.5
—
5ns
t
CL
0.4
0.6
0.4
0.6
0.4
0.6
t
cyc
φ ≥ 5 MHz
Clock pulse
width low level
80
—
80
—
80
—
ns
φ < 5 MHz
Figure
19.4
t
CH
0.4
0.6
0.4
0.6
0.4
0.6
t
cyc
φ ≥ 5 MHz
Clock pulse
width high level
80
—
80
—
80
—
ns
φ < 5 MHz
Note:
*
Does not apply to the HD6472246.
Table 17.5 and figure 17.6 show the external clock input conditions when the duty adjustment
circuit is not used. When the duty adjustment circuit is not used, the
φ output waveform depends
on the external clock input waveform, and therefore no specifications are provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com