Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 598 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 598 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 594Page - Renesas Technology Corp H8S2245 Datasheet HTML 595Page - Renesas Technology Corp H8S2245 Datasheet HTML 596Page - Renesas Technology Corp H8S2245 Datasheet HTML 597Page - Renesas Technology Corp H8S2245 Datasheet HTML 598Page - Renesas Technology Corp H8S2245 Datasheet HTML 599Page - Renesas Technology Corp H8S2245 Datasheet HTML 600Page - Renesas Technology Corp H8S2245 Datasheet HTML 601Page - Renesas Technology Corp H8S2245 Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 818 page
background image
Section 18 Power-Down Modes
Rev.3.00 Mar. 26, 2007 Page 556 of 772
REJ09B0355-0300
Table 18.1
Operating Modes
CPU
Modules
Operating
Mode
Transition
Condition
Clearing
Condition
Oscillator
Registers
Registers
I/O Ports
High speed
mode
Control register
Functions
High
speed
Functions
High
speed
Functions
High speed
Medium-
speed
mode
Control register
Functions
Medium
speed
Functions
High/
medium
speed*
1
Functions
High speed
Sleep
mode
Instruction
Interrupt
Functions
Halted
Retained
High
speed
Functions
High speed
Module
stop
mode
Control register
Functions
High/
medium
speed
Functions
Halted
Retained/
reset*
2
Retained
Software
standby
mode
Instruction
External
interrupt
Halted
Halted
Retained
Halted
Retained/
reset*
2
Retained
Hardware
standby
mode
Pin
Halted
Halted
Undefined
Halted
Reset
High
impedance
Notes: 1. The bus master operates on the medium-speed clock, and other on-chip supporting
modules on the high-speed clock.
2. The SCI and A/D are reset, and other on-chip supporting modules retain their state.
18.1.1
Register Configuration
Power-down modes are controlled by the SBYCR, SCKCR, and MSTPCR registers. Table 18.2
summarizes these registers.
Table 18.2
Power-Down Mode Registers
Name
Abbreviation
R/W
Initial Value
Address*
Standby control register
SBYCR
R/W
H'08
H'FF38
System clock control register
SCKCR
R/W
H'00
H'FF3A
Module stop control register H
MSTPCRH
R/W
H'3F
H'FF3C
Module stop control register L
MSTPCRL
R/W
H'FF
H'FF3D
Note:
*
Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com