Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 600 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 600 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 596Page - Renesas Technology Corp H8S2245 Datasheet HTML 597Page - Renesas Technology Corp H8S2245 Datasheet HTML 598Page - Renesas Technology Corp H8S2245 Datasheet HTML 599Page - Renesas Technology Corp H8S2245 Datasheet HTML 600Page - Renesas Technology Corp H8S2245 Datasheet HTML 601Page - Renesas Technology Corp H8S2245 Datasheet HTML 602Page - Renesas Technology Corp H8S2245 Datasheet HTML 603Page - Renesas Technology Corp H8S2245 Datasheet HTML 604Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 600 / 818 page
background image
Section 18 Power-Down Modes
Rev.3.00 Mar. 26, 2007 Page 558 of 772
REJ09B0355-0300
Bit 6
Bit 5
Bit 4
STS2
STS1
STS0
Description
0
0
0
Standby time = 8192 states
(Initial value)
1
Standby time = 16384 states
1
0
Standby time = 32768 states
1
Standby time = 65536 states
1
0
0
Standby time = 131072 states
1
Standby time = 262144 states
10
Reserved
1
Standby time = 16 states
Bit 3—Output Port Enable (OPE): Specifies whether the output of the address bus and bus
control signals (
CS0 to CS3, AS, RD, HWR, LWR) is retained or set to the high-impedance state
in software standby mode.
Bit 3
OPE
Description
0
In software standby mode, address bus and bus control signals are high-impedance
1
In software standby mode, address bus and bus control signals retain output state
(Initial value)
Bits 2 to 0—Reserved: Read-only bits, always read as 0.
18.2.2
System Clock Control Register (SCKCR)
7
PSTOP
0
R/W
6
—
0
R/W
5
—
0
—
4
—
0
—
3
—
0
—
0
SCK0
0
R/W
2
SCK2
0
R/W
1
SCK1
0
R/W
Bit
Initial value
R/W
:
:
:
SCKCR is an 8-bit readable/writable register that performs
φ clock output control and medium-
speed mode control.
SCKCR is initialized to H'00 by a reset and in hardware standby mode. It is not initialized in
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com