Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 602 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 602 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 598Page - Renesas Technology Corp H8S2245 Datasheet HTML 599Page - Renesas Technology Corp H8S2245 Datasheet HTML 600Page - Renesas Technology Corp H8S2245 Datasheet HTML 601Page - Renesas Technology Corp H8S2245 Datasheet HTML 602Page - Renesas Technology Corp H8S2245 Datasheet HTML 603Page - Renesas Technology Corp H8S2245 Datasheet HTML 604Page - Renesas Technology Corp H8S2245 Datasheet HTML 605Page - Renesas Technology Corp H8S2245 Datasheet HTML 606Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 602 / 818 page
background image
Section 18 Power-Down Modes
Rev.3.00 Mar. 26, 2007 Page 560 of 772
REJ09B0355-0300
MSTPCR is initialized to H'3FFF by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bits 15 to 0—Module Stop (MSTP 15 to MSTP 0): These bits specify module stop mode. See
table 18.3 for the method of selecting on-chip supporting modules.
Bits 15 to 0
MSTP15 to MSTP0
Description
0
Module stop mode cleared
1
Module stop mode set
18.3
Medium-Speed Mode
When the SCK2 to SCK0 bits in SCKCR are set to 1, the operating mode changes to medium-
speed mode at the end of the bus cycle. In medium-speed mode, the CPU operates on the
operating clock (
φ/2, φ/4, φ/8, φ/16, or φ/32) specified by the SCK2 to SCK0 bits. The bus masters
other than the CPU (DTC) also operate in medium-speed mode. On-chip supporting modules other
than the bus masters always operate on the high-speed clock (
φ).
In medium-speed mode, a bus access is executed in the specified number of states with respect to
the bus master operating clock. For example, if
φ/4 is selected as the operating clock, on-chip
memory is accessed in 4 states, and internal I/O registers in 8 states.
Medium-speed mode is cleared by clearing all of bits SCK2 to SCK0 to 0. A transition is made to
high-speed mode and medium-speed mode is cleared at the end of the current bus cycle.
If a SLEEP instruction is executed when the SSBY bit in SBYCR is cleared to 0, a transition is
made to sleep mode. When sleep mode is cleared by an interrupt, medium-speed mode is restored.
If a SLEEP instruction is executed when the SSBY bit in SBYCR is set to 1, a transition is made
to software standby mode. When software standby mode is cleared by an external interrupt,
medium-speed mode is restored.
When the
RES pin is driven low, a transition is made to the reset state, and medium-speed mode is
cleared. The same applies in the case of a reset caused by overflow of the watchdog timer.
When the
STBY pin is driven low, a transition is made to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com