Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 599 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 599 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 595Page - Renesas Technology Corp H8S2245 Datasheet HTML 596Page - Renesas Technology Corp H8S2245 Datasheet HTML 597Page - Renesas Technology Corp H8S2245 Datasheet HTML 598Page - Renesas Technology Corp H8S2245 Datasheet HTML 599Page - Renesas Technology Corp H8S2245 Datasheet HTML 600Page - Renesas Technology Corp H8S2245 Datasheet HTML 601Page - Renesas Technology Corp H8S2245 Datasheet HTML 602Page - Renesas Technology Corp H8S2245 Datasheet HTML 603Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 599 / 818 page
background image
Section 18 Power-Down Modes
Rev.3.00 Mar. 26, 2007 Page 557 of 772
REJ09B0355-0300
18.2
Register Descriptions
18.2.1
Standby Control Register (SBYCR)
7
SSBY
0
R/W
6
STS2
0
R/W
5
STS1
0
R/W
4
STS0
0
R/W
3
OPE
1
R/W
0
—
0
—
2
—
0
—
1
—
0
—
Bit
Initial value
R/W
:
:
:
SBYCR is an 8-bit readable/writable register that performs software standby mode control.
SBYCR is initialized to H'08 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit 7—Software Standby (SSBY): Specifies a transition to software standby mode. Remains set
to 1 when software standby mode is released by an external interrupt, and a transition is made to
normal operation. The SSBY bit should be cleared by writing 0 to it.
Bit 7
SSBY
Description
0
Transition to sleep mode after execution of SLEEP instruction
(Initial value)
1
Transition to software standby mode after execution of SLEEP instruction
Bits 6 to 4—Standby Timer Select 2 to 0 (STS2 to STS0): These bits select the time the MCU
waits for the clock to stabilize when software standby mode is cleared by an external interrupt.
With crystal oscillation, refer to table 18.4 and make a selection according to the operating
frequency so that the standby time is at least 8 ms (the oscillation stabilization time). With an
external clock, any selection can be made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com