Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 251Page - Renesas Technology Corp H8S2245 Datasheet HTML 252Page - Renesas Technology Corp H8S2245 Datasheet HTML 253Page - Renesas Technology Corp H8S2245 Datasheet HTML 254Page - Renesas Technology Corp H8S2245 Datasheet HTML 255Page - Renesas Technology Corp H8S2245 Datasheet HTML 256Page - Renesas Technology Corp H8S2245 Datasheet HTML 257Page - Renesas Technology Corp H8S2245 Datasheet HTML 258Page - Renesas Technology Corp H8S2245 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 213 of 772
REJ09B0355-0300
8.2
Port 1
8.2.1
Overview
Port 1 is an 8-bit I/O port. Port 1 pins also function as TPU I/O pins (TCLKA, TCLKB, TCLKC,
TCLKD, TIOCA0, TIOCB0, TIOCC0, TIOCD0, TIOCA1, TIOCB1, TIOCA2, and TIOCB2) and
an address bus output function. Port 1 pin functions change according to the operating mode.
Figure 8.1 shows the port 1 pin configuration.
P17 (I/O)/TIOCB2 (I/O)/TCLKD (input)
P16 (I/O)/TIOCA2 (I/O)
P15 (I/O)/TIOCB1 (I/O)/TCLKC (input)
P14 (I/O)/TIOCA1 (I/O)
P13 (I/O)/TIOCD0 (I/O)/TCLKB (input)/A23 (output)
P12 (I/O)/TIOCC0 (I/O)/TCLKA (input)/A22 (output)
P11 (I/O)/TIOCB0 (I/O)/A21 (output)
P10 (I/O)/TIOCA0 (I/O)/A20 (output)
Note: * Modes 2, 3, 6, and 7 cannot be used in the H8S/2240.
Port 1
Port 1 pins
P17 (I/O)/TIOCB2 (I/O)/TCLKD (input)
P16 (I/O)/TIOCA2 (I/O)
P15 (I/O)/TIOCB1 (I/O)/TCLKC (input)
P14 (I/O)/TIOCA1 (I/O)
P13 (I/O)/TIOCD0 (I/O)/TCLKB (input)
P12 (I/O)/TIOCC0 (I/O)/TCLKA (input)
P11 (I/O)/TIOCB0 (I/O)
P10 (I/O)/TIOCA0 (I/O)
Pin functions in modes 1 to 3 and 7*
P17 (I/O)/TIOCB2 (I/O)/TCLKD (input)
P16 (I/O)/TIOCA2 (I/O)
P15 (I/O)/TIOCB1 (I/O)/TCLKC (input)
P14 (I/O)/TIOCA1 (I/O)
P13 (input)/TIOCD0 (I/O)/TCLKB (input)/A23 (output)
P12 (input)/TIOCC0 (I/O)/TCLKA (input)/A22 (output)
P11 (input)/TIOCB0 (I/O)/A21 (output)
P10 (input)/TIOCA0 (I/O)/A20 (output)
Pin functions in modes 4 to 6*
Figure 8.1 Port 1 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com