Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 254Page - Renesas Technology Corp H8S2245 Datasheet HTML 255Page - Renesas Technology Corp H8S2245 Datasheet HTML 256Page - Renesas Technology Corp H8S2245 Datasheet HTML 257Page - Renesas Technology Corp H8S2245 Datasheet HTML 258Page - Renesas Technology Corp H8S2245 Datasheet HTML 259Page - Renesas Technology Corp H8S2245 Datasheet HTML 260Page - Renesas Technology Corp H8S2245 Datasheet HTML 261Page - Renesas Technology Corp H8S2245 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 216 of 772
REJ09B0355-0300
8.2.3
Pin Functions
Port 1 pins also function as TPU I/O pins (TCLKA, TCLKB, TCLKC, TCLKD, TIOCA0,
TIOCB0, TIOCC0, TIOCD0, TIOCA1, TIOCB1, TIOCA2, and TIOCB2), and address output
pins (A
23 to A20). Port 1 pin functions are shown in table 8.3.
Table 8.3
Port 1 Pin Functions
Pin
Selection Method and Pin Functions
P1
7 /TIOCB2/
TCLKD
The pin function is switched as shown below according to the combination of
the TPU channel 2 setting (by bits MD3 to MD0 in TMDR2, bits IOB3 to IOB0
in TIOR2, and bits CCLR2 to CCLR0 in TCR2), bits TPSC2 to TPSC0 in
TCR0, and bit P17DDR.
TPU Channel
2 Setting
Table Below (1)
Table Below (2)
P17DDR
—
01
Pin function
TIOCB2 output
P1
7 input
P1
7 output
TIOCB2 input*
1
TCLKD input*
2
Notes: 1. TIOCB2 input when input capture is set (IOB3 to IOB0 = B'10xx) in
normal operating mode (MD3 to MD0 = B'0000).
2. TCLKD input when the TCR0 setting is: TPSC2 to TPSC0 = B'111.
TCLKD input when channel 2 is set to phase counting mode (MD3
to MD0 = B'01xx).
TPU Channel
2 Setting
(2)
(1)
(2)
(2)
(1)
(2)
MD3 to MD0
B'0000, B'01xx
B'0010
B'0011
IOB3 to IOB0
B'0000
B'0100
B'1xxx
B'0001 to
B'0011
B'0101 to
B'0111
—
B'xx00
Other than B'xx00
CCLR2 to
CCLR0
————
Other
than
B'010
B'010
Output
function
—
Output
compare
output
——
PWM
mode 2
output
—
Legend: x: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com