Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 253Page - Renesas Technology Corp H8S2245 Datasheet HTML 254Page - Renesas Technology Corp H8S2245 Datasheet HTML 255Page - Renesas Technology Corp H8S2245 Datasheet HTML 256Page - Renesas Technology Corp H8S2245 Datasheet HTML 257Page - Renesas Technology Corp H8S2245 Datasheet HTML 258Page - Renesas Technology Corp H8S2245 Datasheet HTML 259Page - Renesas Technology Corp H8S2245 Datasheet HTML 260Page - Renesas Technology Corp H8S2245 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 215 of 772
REJ09B0355-0300
• Modes 4 to 6
The corresponding port 1 pins are address outputs when P13DDR to P10DDR are set to 1, and
input ports when cleared to 0.
The corresponding port 1 pins are output ports when P17DDR to P14DDR are set to 1, and
input ports when cleared to 0.
Note:
Mode 6 cannot be used in the H8S/2240.
Port 1 Data Register (P1DR)
7
P17DR
0
R/W
6
P16DR
0
R/W
5
P15DR
0
R/W
4
P14DR
0
R/W
3
P13DR
0
R/W
0
P10DR
0
R/W
2
P12DR
0
R/W
1
P11DR
0
R/W
Bit
Initial value
R/W
:
:
:
P1DR is an 8-bit readable/writable register that stores output data for the port 1 pins (P1
7 to P10).
P1DR is initialized to H'00 by a power-on reset, and in hardware standby mode. It retains its prior
state after a manual reset, and in software standby mode.
Port 1 Register (PORT1)
7
P17
—*
R
6
P16
—*
R
5
P15
—*
R
4
P14
—*
R
3
P13
—*
R
0
P10
—*
R
2
P12
—*
R
1
P11
—*
R
Bit
Initial value
R/W
Note: * Determined by state of pins P17 to P10.
:
:
:
PORT1 is an 8-bit read-only register that shows the pin states. It cannot be written to. Writing of
output data for the port 1 pins (P1
7 to P10) must always be performed on P1DR.
If a port 1 read is performed while P1DDR bits are set to 1, the P1DR values are read. If a port 1
read is performed while P1DDR bits are cleared to 0, the pin states are read.
After a power-on reset and in hardware standby mode, PORT1 contents are determined by the pin
states, as P1DDR and P1DR are initialized. PORT1 retains its prior state after a manual reset, and
in software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com