Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 252Page - Renesas Technology Corp H8S2245 Datasheet HTML 253Page - Renesas Technology Corp H8S2245 Datasheet HTML 254Page - Renesas Technology Corp H8S2245 Datasheet HTML 255Page - Renesas Technology Corp H8S2245 Datasheet HTML 256Page - Renesas Technology Corp H8S2245 Datasheet HTML 257Page - Renesas Technology Corp H8S2245 Datasheet HTML 258Page - Renesas Technology Corp H8S2245 Datasheet HTML 259Page - Renesas Technology Corp H8S2245 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 818 page
background image
Section 8 I/O Ports
Rev.3.00 Mar. 26, 2007 Page 214 of 772
REJ09B0355-0300
8.2.2
Register Configuration
Table 8.2 shows the port 1 register configuration.
Table 8.2
Port 1 Registers
Name
Abbreviation
R/W
Initial Value
Address*
Port 1 data direction register
P1DDR
W
H'00
H'FEB0
Port 1 data register
P1DR
R/W
H'00
H'FF60
Port 1 register
PORT1
R
Undefined
H'FF50
Note:
*
Lower 16 bits of the address.
Port 1 Data Direction Register (P1DDR)
7
P17DDR
0
W
6
P16DDR
0
W
5
P15DDR
0
W
4
P14DDR
0
W
3
P13DDR
0
W
0
P10DDR
0
W
2
P12DDR
0
W
1
P11DDR
0
W
Bit
Initial value
R/W
:
:
:
P1DDR is an 8-bit write-only register, the individual bits of which specify input or output for the
pins of port 1. P1DDR cannot be read; if it is, an undefined value will be read.
This register is a write-only register, and cannot be written by bit manipulation instruction. For
details, see section 2.10.4, Access Methods for Registers with Write-Only Bits.
P1DDR is initialized to H'00 by a power-on reset, and in hardware standby mode. It retains its
prior state after a manual reset, and in software standby mode. As the TPU is initialized by a
manual reset, the pin states are determined by the P1DDR and P1DR specifications.
Whether the address output pins maintain their output state or go to the high-impedance state in a
transition to software standby mode is selected by the OPE bit in SBYCR.
• Modes 1 to 3 and 7
The corresponding port 1 pins are output ports when P1DDR is set to 1, and input ports when
cleared to 0.
Note:
Modes 2, 3, and 7 cannot be used in the H8S/2240.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com