Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 45Page - Renesas Technology Corp SH7721 Datasheet HTML 46Page - Renesas Technology Corp SH7721 Datasheet HTML 47Page - Renesas Technology Corp SH7721 Datasheet HTML 48Page - Renesas Technology Corp SH7721 Datasheet HTML 49Page - Renesas Technology Corp SH7721 Datasheet HTML 50Page - Renesas Technology Corp SH7721 Datasheet HTML 51Page - Renesas Technology Corp SH7721 Datasheet HTML 52Page - Renesas Technology Corp SH7721 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page xlix of lxii
Figure 38.14 Basic Bus Cycle in Normal Space (External Wait 1 Input)................................. 1326
Figure 38.15 Basic Bus Cycle in Normal Space
(Software Wait 1, External Wait Valid (WM Bit = 0), No Idle Cycle) ............... 1327
Figure 38.16 CS Extended Bus Cycle in Normal Space
(SW = 1 Cycle, HW = 1 Cycle, External Wait 1 Input) ...................................... 1328
Figure 38.17 Bus Cycle of SRAM with Byte Selection
(SW = 1 Cycle, HW = 1 Cycle, External Wait 1 Input,
BAS = 0 (UB and LB in Write Cycle Controlled)) ............................................. 1329
Figure 38.18 Bus Cycle of SRAM with Byte Selection
(SW = 1 Cycle, HW = 1 Cycle, External Wait 1 Input,
BAS = 1 (WE in Write Cycle Controlled)) ......................................................... 1330
Figure 38.19 Read Bus Cycle of Burst ROM
(Software Wait 1, External Wait 1 Input, Burst Wait 1, Number of Burst 2)...... 1331
Figure 38.20 Single Read Bus Cycle of SDRAM
(Auto Precharge Mode, CAS Latency 2, TRCD = 1 Cycle, TRP = 1 Cycle) ...... 1332
Figure 38.21 Single Read Bus Cycle of SDRAM
(Auto Precharge Mode, CAS Latency 2, TRCD = 2 Cycles, TRP = 2 Cycles)... 1333
Figure 38.22 Burst Read Bus Cycle of SDRAM (Single Read
× 8)
(Auto Precharge Mode, CAS Latency 2, TRCD = 1 Cycle, TRP = 2 Cycles) .... 1334
Figure 38.23 Burst Read Bus Cycle of SDRAM (Single Read
× 8)
(Auto Precharge Mode, CAS Latency 2, TRCD = 2 Cycles, TRP = 1 Cycle) .... 1335
Figure 38.24 Single Write Bus Cycle of SDRAM
(Auto Precharge Mode, TRWL = 1 Cycle).......................................................... 1336
Figure 38.25 Single Write Bus Cycle of SDRAM
(Auto Precharge Mode, TRCD = 3 Cycles, TRWL = 1 Cycle)........................... 1337
Figure 38.26 Burst Write Bus Cycle of SDRAM (Single Write
× 8) (Auto Precharge Mode,
TRCD = 1 Cycle, TRWL = 1 Cycle)................................................................... 1338
Figure 38.27 Burst Write Bus Cycle of SDRAM (Single Write
× 8)
(Auto Precharge Mode, TRCD = 2 Cycles, TRWL = 1 Cycle)........................... 1339
Figure 38.28 Burst Read Bus Cycle of SDRAM (Single Read
× 8)
(Bank Active Mode: ACTV + READ Command, CAS Latency 2,
TRCD = 1 Cycle)................................................................................................. 1340
Figure 38.29 Burst Read Bus Cycle of SDRAM (Single Read
× 8)
(Bank Active Mode: READ Command, Same Row Address,
CAS Latency 2, TRCD = 1 Cycle) ...................................................................... 1341
Figure 38.30 Burst Read Bus Cycle of SDRAM (Single Read
× 8)
(Bank Active Mode: PRE + ACTV + READ Command,
Different Row Address, CAS Latency 2, TRCD = 1 Cycle) ............................... 1342
Figure 38.31 Burst Write Bus Cycle of SDRAM (Single Write
× 8)
(Bank Active Mode: ACTV + WRIT Command, TRCD = 1 Cycle) .................. 1343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com