Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 78Page - Renesas Technology Corp SH7721 Datasheet HTML 79Page - Renesas Technology Corp SH7721 Datasheet HTML 80Page - Renesas Technology Corp SH7721 Datasheet HTML 81Page - Renesas Technology Corp SH7721 Datasheet HTML 82Page - Renesas Technology Corp SH7721 Datasheet HTML 83Page - Renesas Technology Corp SH7721 Datasheet HTML 84Page - Renesas Technology Corp SH7721 Datasheet HTML 85Page - Renesas Technology Corp SH7721 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 20 of 1458
REJ09B0033-0300
Pin No.
(PLBG
0256
GA-A)
Pin No.
(PLBG
0256
KA-A)
Pin Name
Function
I/O
I/O
Buffer
Power
Supply
M19
M18
IRQ0/
IRL0/PTP0
Interrupt/interrupt/
general-purpose port
I/I/IO
VccQ
M20
P17
IRQ2/
IRL2/PTP2
Interrupt/interrupt/
general-purpose port
I/I/IO
VccQ
N1
M2
RAS/PTH6
Row address/general-purpose port O/IO
VccQ1
N2
P1
CS3
Chip select
O
VccQ1
N3
P5
CS2
Chip select
O
VccQ1
N4
N4
Vcc
Power-supply (1.5 V)
N17
N21
Vss
Power-supply (0 V)
N18
P20
AUDATA2/PTJ3
AUD data/general-purpose port
O/IO
VccQ
N19
N18
AUDATA1/PTJ2
AUD data/general-purpose port
O/IO
VccQ
N20
R17
AUDATA3/PTJ4
AUD data/general-purpose port
O/IO
VccQ
P1
N2
VssQ1
I/O power supply (0V)
P2
W2
A14
Address bus
O
VccQ1
P3
P2
A17
Address bus
O
VccQ1
P4
R5
Vss
Internal power supply (0 V)
P17
P21
Vcc
Internal power supply (1.5 V)
P18
R20
AUDATA0/PTJ1
AUD data/general-purpose port
O/IO
VccQ
P19
P18
AUDCK/PTJ6
AUD clock/general-purpose port
O/IO
VccQ
P20
T17
VssQ
I/O power supply (0V)
R1
P4
VccQ1
I/O power supply (1.8/3.3 V)
R2
T2
A11
Address bus
O
VccQ1
R3
R2
A13
Address bus
O
VccQ1
R4
R1
A15
Address bus
O
VccQ1
R17
T20
AUDSYNC/PTJ0
AUD synchronous signal/
general-purpose port
O/IO
VccQ
R18
R21
ASEMD0
ASE mode
I
VccQ
R19
R18
TRST/PTL7
Test reset/general-purpose port
I/IO
VccQ
R20
U17
VccQ
I/O power supply (3.3 V)
T1
T5
A16
Address bus
O
VccQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com