Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 74Page - Renesas Technology Corp SH7721 Datasheet HTML 75Page - Renesas Technology Corp SH7721 Datasheet HTML 76Page - Renesas Technology Corp SH7721 Datasheet HTML 77Page - Renesas Technology Corp SH7721 Datasheet HTML 78Page - Renesas Technology Corp SH7721 Datasheet HTML 79Page - Renesas Technology Corp SH7721 Datasheet HTML 80Page - Renesas Technology Corp SH7721 Datasheet HTML 81Page - Renesas Technology Corp SH7721 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 16 of 1458
REJ09B0033-0300
Pin No.
(PLBG
0256
GA-A)
Pin No.
(PLBG
0256
KA-A)
Pin Name
Function
I/O
I/O
Buffer
Power
Supply
D9
A10
LCD_DATA0/PTC0
LCD data/general-purpose port
O/IO
VccQ
D10
E11
LCD_CL1/PTE3
LCD shift clock 1/general-purpose
port
O/IO
VccQ
D11
B12
Vss
Internal power supply (0 V)
D12
B13
Vcc
Internal power supply (1.5 V)
D13
B14
SIOF0_RxD/PTS1
SIOF receive data/general-
purpose port
I/IO
VccQ
D14
B15
USB2_ovr_current
USB2 port overcurrent
I
VccQ
D15
D14
DA0/PTF5
DAC analog output/general-
purpose port
O/I
VccQ
D16
D15
AN1/PTF2
ADC analog input/general-purpose
port
I/I
AVcc
D17
A19
USB1d_DMNS/PINT11/
AFE_RLYCNT/
PCC_BVD2/PTG3
D- signal input/port interrupt/
AFE on-hook control/PCC buttery
detection 2/general-purpose port
I/I/O/I/
IO
VccQ
D18
C21
USB1d_SUSPEND/
REFOUT/IRQOUT/
PTP4
Suspend state/bus request
(refresh)/ bus request (interrupt)/
general-purpose port
O/O/O/
IO
VccQ
D19
F18
XTAL_USB
USB crystal
O
VccQ
D20
F21
USB1d_TXENL/PINT8/
PCC_CD1/PTG0
Driver output enable/port interrupt/
PCC card detection 1/
general-purpose port
O/I/I/IO
VccQ
E1
G1
VccQ1
I/O power supply (1.8/3.3 V)
E2
E1
Vss_PLL2
PLL2 power supply (0 V)
E3
F4
Vss_PLL1
PLL1 power supply (0 V)
E4
G4
D30/PTB6
Data bus/general-purpose port
IO/IO
VccQ1
E17
G18
USB1d_SPEED/PINT9/
PCC_CD2/PTG1
Speed control/port interrupt/
PCC card detection 2/
general-purpose port
O/I/I/IO
VccQ
E18
D20
USB1d_RCV/IRQ5/
AFE_FS/
PCC_REG/
PTG6
Receive data/interrupt/
area indicate signal/
AFE frame synchronization/
PCC space indication/
general-purpose port
I/I/I/O/
IO
VccQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com