Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 87Page - Renesas Technology Corp SH7721 Datasheet HTML 88Page - Renesas Technology Corp SH7721 Datasheet HTML 89Page - Renesas Technology Corp SH7721 Datasheet HTML 90Page - Renesas Technology Corp SH7721 Datasheet HTML 91Page - Renesas Technology Corp SH7721 Datasheet HTML 92Page - Renesas Technology Corp SH7721 Datasheet HTML 93Page - Renesas Technology Corp SH7721 Datasheet HTML 94Page - Renesas Technology Corp SH7721 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 29 of 1458
REJ09B0033-0300
Classification
Symbol
I/O
Name
Function
AFE_TXOUT
O
AFE serial
transmission
AFE serial transmit data output pin
AFE_RDET
I
AFE ringing
signal
AFE ringing signal input pin
AFE_HC1
O
AFE hardware
control
AFE hardware control signal
Analog front end
interface (AFEIF)
AFE_RXIN
I
AFE serial
reception
AFE serial receive data
SCIF0_TxD,
SCIF1_TxD
O
SCIF transmit
data
Transmit data pins
SCIF0_RxD,
SCIF1_RxD
I
SCIF receive
data
Receive data pins
SCIF0_SCK,
SCIF1_SCK
I/O
SCIF serial
clock
Clock input/output pins
SCIF0_RTS,
SCIF1_RTS
O
SCIF transmit
request
Transmit request output pins
Serial
communication
interface with
FIFO
(SCIF)
SCIF0_CTS,
SCIF1_CTS
I
SCIF transmit
enable
Modem control pins
IrTX
O
IrDA transmit
data
IrDA transmit data output pin
IrDA
IrRX
I
IrDA receive
data
IrDA receive data input pin
SIOF0_SYNC,
SIOF1_SYNC
I/O
SIOF frame
sync
SIOF frame synchronization
signals
SIOF0_TxD,
SIOF1_TxD
O
SIOF transmit
data
SIOF transmit data pin
SIOF0_RxD,
SIOF1_RxD
I
SIOF receive
data
SIOF receive data pin
SIOF0_SCK,
SIOF1_SCK
I/O
SIOF serial
clock
SIOF serial clock pins
Serial I/O with
FIFO (SIOF)
SIOF0_MCLK,
SIOF1_MCLK
I
SIOF master
clock
SIOF master clock input pins
IIC_SCL
I/O
IIC clock
I
2C serial clock pin
I
2C bus interface
(IIC)
IIC_SDA
I/O
IIC data
I
2C data input/output pin
Realtime clock
(RTC)
VccQ_RTC
RTC power
supply
Power supply pin for the RTC
(3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com