Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 80Page - Renesas Technology Corp SH7721 Datasheet HTML 81Page - Renesas Technology Corp SH7721 Datasheet HTML 82Page - Renesas Technology Corp SH7721 Datasheet HTML 83Page - Renesas Technology Corp SH7721 Datasheet HTML 84Page - Renesas Technology Corp SH7721 Datasheet HTML 85Page - Renesas Technology Corp SH7721 Datasheet HTML 86Page - Renesas Technology Corp SH7721 Datasheet HTML 87Page - Renesas Technology Corp SH7721 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 22 of 1458
REJ09B0033-0300
Pin No.
(PLBG
0256
GA-A)
Pin No.
(PLBG
0256
KA-A)
Pin Name
Function
I/O
I/O
Buffer
Power
Supply
U19
V21
PINT6/PCC_RDY/PTK2
Port interrupt/PCC ready/general-
purpose port
I/I/IO
VccQ
U20
W20
TDO/PTL5
Test data output/general-purpose
port
O/IO
VccQ
V1
U1
VccQ1
I/O power supply (1.8/3.3 V)
V2
Y2
A3
Address bus
O
VccQ1
V3
U4
A7
Address bus
O
VccQ1
V4
AA6
D12
Data bus
IO
VccQ1
V5
Y4
D14
Data bus
IO
VccQ1
V6
AA7
D9
Data bus
IO
VccQ1
V7
Y7
D6
Data bus
IO
VccQ1
V8
Y8
D2
Data bus
IO
VccQ1
V9
Y9
D0
Data bus
IO
VccQ1
V10
Y10
CS5B/CE1A/PTM1
Chip select/chip select/
general-purpose port
O/O/IO
VccQ1
V11
V12
BREQ
Bus request
I
VccQ1
V12
U13
WAIT/PCC_WAIT
Wait/PCC wait
I/I
VccQ1
V13
U14
A20/PTR2
Address bus/general-purpose port O/IO
VccQ1
V14
V14
A23/PTR5
Address bus/general-purpose port O/IO
VccQ1
V15
Y19
DREQ0/PINT0/PTM6
DMA transfer request/
port interrupt/general-purpose port
I/I/IO
VccQ1
V16
Y18
EXTAL_RTC
RTC external clock
I
VccQ_
RTC
V17
AA19
XTAL_RTC
RTC crystal
O
VccQ_
RTC
V18
V17
RESETP
Power-on reset
I
VccQ_
RTC
V19
AA21
PINT5/
PCC_VS2/PTK1
Port interrupt/
PCC voltage detection 2/
general-purpose port
I/I/IO
VccQ
V20
V20
VssQ
I/O power supply (0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com