Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 61Page - Renesas Technology Corp SH7721 Datasheet HTML 62Page - Renesas Technology Corp SH7721 Datasheet HTML 63Page - Renesas Technology Corp SH7721 Datasheet HTML 64Page - Renesas Technology Corp SH7721 Datasheet HTML 65Page - Renesas Technology Corp SH7721 Datasheet HTML 66Page - Renesas Technology Corp SH7721 Datasheet HTML 67Page - Renesas Technology Corp SH7721 Datasheet HTML 68Page - Renesas Technology Corp SH7721 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 3 of 1458
REJ09B0033-0300
Item
Features
Memory
management unit
(MMU)
• 4-Gbyte address space, 256 address spaces (8-bit ASID)
• Page unit sharing
• Supports multiple page sizes: 1 kbyte or 4 kbytes
• 128-entry, 4-way set associative TLB
• Specifies replacement way by software and supports random replacement
algorithm
• Address assignment allows direct access to TLB contents
Cache memory
• 32-kbyte cache mixing instructions and data
• 512-entry, 4-way set associative, 16-byte block length
• Write-back, write-through, least recent used (LRU) replacement algorithm
• Single-stage write-back buffer
X/Y memory
• User-selectable mapping mechanism
 Fixed mapping for mission-critical realtime applications
 Automatic mapping through TLB for easy to use
• Three independent read/write ports
 8-/16-/32-bit access from CPU
 Up to two 16-bit accesses from DSP
 8-/16-/32-bit access from DMAC
• 8-kbyte RAM for X and Y memory individual (4 kbytes × 4)
Interrupt
controller (INTC)
• Seven external interrupt pins (NMI, IRQ5 to IRQ0)
 NMI: Fall/rise selectable
 IRQ: Fall/rise/high level/low level selectable
• On-chip peripheral interrupt: Sets priority for each module
Bus state
controller (BSC)
• Physical address space is provided to support areas of up to 64 Mbytes and
32 Mbytes.
• Each area allows independent setting of the following functions:
 Bus size (8, 16, or 32 bits). An access wait cycle count with a different
size to be supported is provided for each area.
 Number of access wait cycles. Some areas can be inserted wait cycles
independently in read access and write access.
 Sets of idle wait cycle (for the same or different area)
 Supports SRAM, page mode ROM, SDRAM, and pseudo SRAM (ready
for page mode) by specifying memory to be connected to each area.
 Outputs chip select signals to corresponding areas, such as CS0, CS2 to
CS4, CS5A/CS5B, and CS6A/CS6B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com