Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 66Page - Renesas Technology Corp SH7721 Datasheet HTML 67Page - Renesas Technology Corp SH7721 Datasheet HTML 68Page - Renesas Technology Corp SH7721 Datasheet HTML 69Page - Renesas Technology Corp SH7721 Datasheet HTML 70Page - Renesas Technology Corp SH7721 Datasheet HTML 71Page - Renesas Technology Corp SH7721 Datasheet HTML 72Page - Renesas Technology Corp SH7721 Datasheet HTML 73Page - Renesas Technology Corp SH7721 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 8 of 1458
REJ09B0033-0300
Item
Features
User break
controller (UBC)
• Two break channels
• All of address, data value, access type, and data size can be set as break
conditions.
• Supports sequential break function
User debugging
interface (H-UDI)
• Supports E10A emulator
• Realtime branch trace
• 1-kbyte on-chip memory for executing high-speed emulation program
Table 1.2
Product Lineup (SH7720 Group)
Power Supply
Voltage
Model
I/O
Internal
Operating
Frequency
Product Code
Package
SSL
SDHI
HD6417720BP133C
256-pin 17mm x 17mm CSP
(PLBG0256GA-A)
O
HD6417720BP133CV
256-pin 17mm x 17mm CSP
(PLBG0256GA-A)
O
HD6417720BL133C
256-pin 11mm x 11mm CSP
(PLBG0256KA-A)
O
SH7720
HD6417720BL133CV
256-pin 11mm x 11mm CSP
(PLBG0256KA-A)
O
HD6417320BP133C
256-pin 17mm x 17mm CSP
(PLBG0256GA-A)
O
O
HD6417320BP133CV
256-pin 17mm x 17mm CSP
(PLBG0256GA-A)
O
O
HD6417320BL133C
256-pin 11mm x 11mm CSP
(PLBG0256KA-A)
O
O
SH7320
3.3 V
±0.3V
1.5 V
±0.1V
133.34
MHz
HD6417320BL133CV
256-pin 11mm x 11mm CSP
(PLBG0256KA-A)
O
O
[Legend] O: Provided;
: Not provided



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com