Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 64Page - Renesas Technology Corp SH7721 Datasheet HTML 65Page - Renesas Technology Corp SH7721 Datasheet HTML 66Page - Renesas Technology Corp SH7721 Datasheet HTML 67Page - Renesas Technology Corp SH7721 Datasheet HTML 68Page - Renesas Technology Corp SH7721 Datasheet HTML 69Page - Renesas Technology Corp SH7721 Datasheet HTML 70Page - Renesas Technology Corp SH7721 Datasheet HTML 71Page - Renesas Technology Corp SH7721 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 6 of 1458
REJ09B0033-0300
Item
Features
USB host
controller (USBH)
• Conforms to OHCI Rev. 1.0
• USB Rev. 1.1 compatible
• 127 endpoints
• Support interrupt/bulk/control/isochronous mode
• Bus master controller (can access area 3 and synchronous DRAM)
• Two ports with analog transceiver (one is common with USB function
controller)
• External clock input function
USB function
controller (USBF)
• Conforms to OHCI Rev. 1.0
• Six endpoints
• Support interrupt/bulk/control/isochronous mode
• One port with analog transceiver (common with USB function controller),
12 Mbps only
• External clock input function
LCD controller
(LCDC)
• From 16 × 1 to 1024 × 1024 pixels can be supported
• 4/8/15/16 bpp (bit per pixel) color pallet
• 1/2/4/6 bpp (bit per pixel) gray scale
• 8-bit frame rate controller
• TFT/DSTN/STN panels
• Signal polarity setting function
• Hardware panel rotation
• Power control function
• Selectable clock source (LCLK, Bclk, or Pclk)
A/D converter
(ADC)
• 10 bits ± 4 LSB, four channels
• Conversion time: 15 µs
• Input range: 0 to AV
CC (max. 3.6 V)
D/A converter
(DAC)
• 8 bits ± 4 LSB, two channels
• Conversion time: 10 µs
• Output range: 0 to AV
CC (max. 3.6 V)
PC card
controller (PCC)
• Complies with the PCMCIA Rev.2.1/JEIDA Version 4.2
• Supports the IC memory card interface and I/O card interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com