Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 93Page - Renesas Technology Corp SH7721 Datasheet HTML 94Page - Renesas Technology Corp SH7721 Datasheet HTML 95Page - Renesas Technology Corp SH7721 Datasheet HTML 96Page - Renesas Technology Corp SH7721 Datasheet HTML 97Page - Renesas Technology Corp SH7721 Datasheet HTML 98Page - Renesas Technology Corp SH7721 Datasheet HTML 99Page - Renesas Technology Corp SH7721 Datasheet HTML 100Page - Renesas Technology Corp SH7721 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 35 of 1458
REJ09B0033-0300
Classification
Symbol
I/O
Name
Function
AUDATA3 to
AUDATA0
O
AUD data
Destination-address output pin in
branch-trace mode
AUDCK
O
AUD clock
Synchronous clock output pin in
branch-trace mode
Advanced user
debugger
(AUD)
AUDSYNC
O
AUD
synchronous
signal
Data start-position acknowledge-
signal output pin in branch-trace
mode
ASEBRKAK
O
ASE break
mode
acknowledge
Indicates that the E10A emulator
has entered its break mode.
E10A interface
ASEMD0
I
ASE mode
Sets ASE mode.
Notes: 1. All Vcc/Vss/VccQ/VssQ/VccQ1/VssQ1/AVcc/AVss/AVcc_USB/AVss_USB/VccQ_RTC/
Vcc_RTC/Vss_RTC/Vcc_PLL1/Vss_PLL1/Vcc_PLL2/Vss_PLL2 should be connected to
the system power supply (so that power is supplied at all times.) In hardware standby
mode, the power supply to other than Vcc_RTC and VccQ_RTC can be turned off
(section 13.8).
2. Always supply power to the Vcc_RTC and VccQ_RTC, even if the RTC is not being
used.
3. Always supply power to the Vcc_PLL1 and Vcc_PLL2, even if the PLL is not being
used.
4. Drive
ASEMD0 high when using the user system alone, and not using an emulator or
the H-UDI. When this pin is low or open,
RESETP may be masked.
5. Drivability can be switched by the register settings of the pin function controller (PFC).
When 3.3 V is applied to VccQ1, set the drivability low. When 1.8 V is applied to
VccQ1, set the drivability high.
6. SDHI associated pins support only for the models including the SDHI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com