Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 88Page - Renesas Technology Corp SH7721 Datasheet HTML 89Page - Renesas Technology Corp SH7721 Datasheet HTML 90Page - Renesas Technology Corp SH7721 Datasheet HTML 91Page - Renesas Technology Corp SH7721 Datasheet HTML 92Page - Renesas Technology Corp SH7721 Datasheet HTML 93Page - Renesas Technology Corp SH7721 Datasheet HTML 94Page - Renesas Technology Corp SH7721 Datasheet HTML 95Page - Renesas Technology Corp SH7721 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 30 of 1458
REJ09B0033-0300
Classification
Symbol
I/O
Name
Function
Vcc_RTC
RTC power
supply
Power supply pin for the RTC
(1.5 V)
Vss_RTC
RTC ground
Ground pin for the RTC.
EXTAL_RTC
I
RTC external
clock
Connects crystal resonator for the
RTC. Also used to input external
clock for the RTC.
Realtime clock
(RTC)
XTAL_RTC
O
RTC crystal
Connects crystal resonator for the
RTC.
LCD_DATA15
to LCD_DATA0
O
LCD data
Data output pin for LCD panel
LCD_CL1
O
LCD shift clock
1
LCD shift clock 1/ horizontal sync
signal pin
LCD_CL2
O
LCD shift clock
2
LCD shift clock 2/dot clock pin
LCD_CLK
I
LCD clock
source
LCD clock source input pin
LCD_FLM
O
LCD line marker First line marker/vertical sync
signal pin
LCD_DON
O
LCD display on
LCD display on signal pin
LCD_VCPWC
O
LCD power
control (VCC)
LCD module power control (VCC)
pin
LCD_VEPWC
O
LCD power
control (VEE)
LCD module power control (VEE)
pin
LCD controller
(LCDC)
LCD_M_DISP
O
LCD current
alternating
signal
LCD current alternating signal pin
PCC_BVD1
I
PCC battery
detection 1
Pin for buttery voltage detect 1/
card status change signal from PC
card
PCC_BVD2
I
PCC battery
detection 2
Pin for buttery voltage detect 2/
digital sound signal pin from PC
card
PCC_RDY
I
PCC ready
Pin for ready signal/interrupt
request signal form PC card
PCC_REG
O
PCC space
indication
Area indicate signal pin for PC
card
PCC_RESET
O
PCC reset
Reset signal pin for PC card
PC card
controller (PCC)
PCC_CD1
I
PCC card
detection 1
Pin for card detect 1 signal from
PC card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com