Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 79Page - Renesas Technology Corp SH7721 Datasheet HTML 80Page - Renesas Technology Corp SH7721 Datasheet HTML 81Page - Renesas Technology Corp SH7721 Datasheet HTML 82Page - Renesas Technology Corp SH7721 Datasheet HTML 83Page - Renesas Technology Corp SH7721 Datasheet HTML 84Page - Renesas Technology Corp SH7721 Datasheet HTML 85Page - Renesas Technology Corp SH7721 Datasheet HTML 86Page - Renesas Technology Corp SH7721 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 21 of 1458
REJ09B0033-0300
Pin No.
(PLBG
0256
GA-A)
Pin No.
(PLBG
0256
KA-A)
Pin Name
Function
I/O
I/O
Buffer
Power
Supply
T2
V1
A6
Address bus
O
VccQ1
T3
V2
A5
Address bus
O
VccQ1
T4
T1
A12
Address bus
O
VccQ1
T17
U20
TMS/PTL6
Test mode select/general-purpose
port
I/IO
VccQ
T18
T18
TCK/PTL3
Test clock/general-purpose port
I/IO
VccQ
T19
U21
PINT7/PCC_RESET/
PTK3
Port interrupt/PCC reset/general-
purpose port
I/O/IO
VccQ
T20
V18
ASEBRKAK/PTJ5
ASE break mode acknowledge/
general-purpose port
O/IO
VccQ
U1
R4
VssQ1
I/O power supply (0 V)
U2
T4
A9
Address bus
O
VccQ1
U3
W1
A4
Address bus
O
VccQ1
U4
AA3
A10
Address bus
O
VccQ1
U5
Y5
D11
Data bus
IO
VccQ1
U6
Y6
D8
Data bus
IO
VccQ1
U7
AA8
D4
Data bus
IO
VccQ1
U8
AA9
D1
Data bus
IO
VccQ1
U9
AA10
Vcc
Internal power supply (1.5 V)
U10
V11
Vss
Internal power supply (0 V)
U11
U11
BACK
Bus request acknowledge
O
VccQ1
U12
U12
BS
Bus start
O
VccQ1
U13
V13
A19/PTR1
Address bus/general-purpose port O/IO
VccQ1
U14
U15
A22/PTR4
Address bus/general-purpose port O/IO
VccQ1
U15
U16
A24/PTR6
Address bus/general-purpose port O/IO
VccQ1
U16
V15
DACK0/PINT1/PTM4
DMA transfer request reception/
port interrupt/
general-purpose port
O/I/IO
VccQ1
U17
W21
DREQ1/PTM7
DMA transfer request/
general-purpose port
I/IO
VccQ1
U18
T21
TDI/PTL4
Test data input/general-purpose
port
I/IO
VccQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com