Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 75Page - Renesas Technology Corp SH7721 Datasheet HTML 76Page - Renesas Technology Corp SH7721 Datasheet HTML 77Page - Renesas Technology Corp SH7721 Datasheet HTML 78Page - Renesas Technology Corp SH7721 Datasheet HTML 79Page - Renesas Technology Corp SH7721 Datasheet HTML 80Page - Renesas Technology Corp SH7721 Datasheet HTML 81Page - Renesas Technology Corp SH7721 Datasheet HTML 82Page - Renesas Technology Corp SH7721 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 17 of 1458
REJ09B0033-0300
Pin No.
(PLBG
0256
GA-A)
Pin No.
(PLBG
0256
KA-A)
Pin Name
Function
I/O
I/O
Buffer
Power
Supply
E19
D21
USB1d_TXSE0/IRQ4/
AFE_TXOUT/
PCC_DRV/PTG5
SE0 state/interrupt/
AFE serial transmission/
PCC buffer control/
general-purpose port
O/I/O/
O/IO
VccQ
E20
G21
VssQ
I/O power supply (0V)
F1
G2
D24/PTB0
Data bus/general-purpose port
IO/IO
VccQ1
F2
E2
D29/PTB5
Data bus/general-purpose port
IO/IO
VccQ1
F3
D4
D28/PTB4
Data bus/general-purpose port
IO/IO
VccQ1
F4
H4
D27/PTB3
Data bus/general-purpose port
IO/IO
VccQ1
F17
F17
MMC_VDDON/
SCIF1_CTS/
LCD_VEPWC/
TPU_TO3/PTV4
MMC card power supply control/
SCIF transmit enable/LCD power
supply control/ TPU compare-
match output/general-purpose port
O/I/O/
O/IO
VccQ
F18
C20
AFE_RDET/IIC_SDA/
PTE5
AFE ringing/IIC data I/O
/general-purpose port
I/IO/I
VccQ
F19
F20
USB1d_DPLS/PINT10/
AFE_HC1/PCC_BVD1/
PTG2
D
+ transmit input/port interrupt/
AFE hardware control/
PCC battery detection 1/
general-purpose port
I/I/O/I/
IO
VccQ
F20
H20
VccQ
I/O power supply (3.3 V)
G1
H2
VssQ1
I/O power supply (0V)
G2
F2
D26/PTB2
Data bus/general-purpose port
IO/IO
VccQ1
G3
E5
D25/PTB1
Data bus/general-purpose port
IO/IO
VccQ1
G4
J4
Vcc
Internal power supply (1.5 V)
G17
G17
Vss
Internal power supply (0 V)
G18
H18
MMC_ODMOD/
SCIF1_RTS/
LCD_VCPWC/TPU_TO2/
PTV3
MMC open drain control/
SCIF transmit request/LCD power
supply control/TPU compare-
match output/general-purpose port
O/O/O/
O/IO
VccQ
G19
G20
AFE_RXIN/IIC_SCL/
PTE6
AFE serial receive/
IIC clock/general-purpose port
I/IO/I
VccQ
G20
J20
SIM_CLK/ SCIF1_SCK/
SD_DAT3/PTV0
SIM clock/SCIF serial clock/
SD data/general-purpose port
O/IO/
IO/IO
VccQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com