Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 68Page - Renesas Technology Corp SH7721 Datasheet HTML 69Page - Renesas Technology Corp SH7721 Datasheet HTML 70Page - Renesas Technology Corp SH7721 Datasheet HTML 71Page - Renesas Technology Corp SH7721 Datasheet HTML 72Page - Renesas Technology Corp SH7721 Datasheet HTML 73Page - Renesas Technology Corp SH7721 Datasheet HTML 74Page - Renesas Technology Corp SH7721 Datasheet HTML 75Page - Renesas Technology Corp SH7721 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 10 of 1458
REJ09B0033-0300
1.2
Block Diagram
Super H
CPU core
USB host
controller
(USBH)
LDC
controller
(LCDC)
512-byte
RAM
576-byte
SRAM
128-byte
RAM
256-byte
SRAM
256-byte
SRAM
2.56-kbyte
line buffer
X/Y memory
Instruction/data for
CPU/DSP (16 kbytes)
DSP core
X bus
CPU bus
Internal bus
Peripheral bus
Peripheral bus
External bus
Internal bus
Y bus
User break
controller (UBC)
Bus state
controller
(BSC)
User debugging
interface (H-UDI)
Analog front end
interface (AFEIF)
MultiMediaCard
interface (MMCIF)
SIM card
interface
(SIM)
PC card
controller
(PCC)
SD host
interface
(SDHI)
Serial I/O
with FIFO
(SIOF0)
Serial I/O
with FIFO
(SIOF1)
USB function controller
1-kbyte FIFO (USBF)
Serial communication
interface 0 with FIFO
128-byte FIFO
(SCIF0/IrDA)
Serial communication
interface 1 with FIFO
128-byte FIFO (SCIF1)
Interrupt
controller
(INTC)
Compare
match
timer (CMT)
A/D
converter
(ADC)
D/A
converter
(DAC)
16-bit
timer pulse
unit (TPU)
Realtime
clock
(RTC)
Clock pulse
generator
(CPG)
Timer unit
(TMU)
Direct memory
access controller
(DMAC)
Peripheral
bus controller
Cache
memory
(32 kbytes)
Cache access
controller (CCN)
Memory
management
unit (MMU)
SSL
accelerator
(SSL)
I2C
Figure 1.1
Block Diagram
1.3
Pin Assignments
1.3.1
Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com